Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXTDB2M832 Datasheet (PDF) - Diodes Incorporated

ZXTDB2M832 Datasheet PDF - Diodes Incorporated
Part # ZXTDB2M832
Download  ZXTDB2M832 Download
File Size   270.3 Kbytes
Page   8 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description COMPLEMENTARY DUAL 20V LOW SATURATION TRANSISTOR

ZXTDB2M832 Datasheet (PDF)

Go To PDF Page Download Datasheet
ZXTDB2M832 Datasheet PDF - Diodes Incorporated

Part # ZXTDB2M832
Download  ZXTDB2M832 Click to download

File Size   270.3 Kbytes
Page   8 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description COMPLEMENTARY DUAL 20V LOW SATURATION TRANSISTOR

ZXTDB2M832 Datasheet (HTML) - Diodes Incorporated


ZXTDB2M832 Product details

DESCRIPTION
Packaged in the new innovative 3mm x 2mm MLP (Micro Leaded Package), these low saturation NPN / PNP combination dual transistors offer lower on state losses making them ideal for use in DC-DC circuits and various driving and power-management functions.

Users will also gain several other key benefits:
   Performance capability equivalent to much larger packages
   Improved circuit efficiency & power levels
   PCB area and device placement savings
   Lower package height (0.9mm nom)
   Reduced component count

FEATURES
• Low Equivalent On Resistance
• Low Saturation Voltage (150mV max @1A--NPN)
• HFE specified up to 6A
• IC = 4.5A Continuous Collector Current
• 3mm x 2mm MLP

APPLICATIONS
• DC - DC Converters
• Charging circuits
• Power switches
• Motor control




Similar Part No. - ZXTDB2M832

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXTDB2M832 ZETEX-ZXTDB2M832 Datasheet
264Kb / 8P
COMPLEMENTARY DUAL 20V LOW SATURATION TRANSISTOR
ZXTDB2M832TA ZETEX-ZXTDB2M832TA Datasheet
264Kb / 8P
COMPLEMENTARY DUAL 20V LOW SATURATION TRANSISTOR
ZXTDB2M832TC ZETEX-ZXTDB2M832TC Datasheet
264Kb / 8P
COMPLEMENTARY DUAL 20V LOW SATURATION TRANSISTOR
More results


Similar Description - ZXTDB2M832

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXTDB2M832 ZETEX-ZXTDB2M832 Datasheet
264Kb / 8P
COMPLEMENTARY DUAL 20V LOW SATURATION TRANSISTOR
logo
Diodes Incorporated
ZXTC6718MC DIODES-ZXTC6718MC Datasheet
232Kb / 9P
COMPLEMENTARY DUAL 20V LOW SATURATION TRANSISTORS
Rev 3
ZXTD618MC DIODES-ZXTD618MC Datasheet
190Kb / 7P
DUAL 20V NPN LOW SATURATION SWITCHING TRANSISTOR
Rev 1
ZXTD718MC DIODES-ZXTD718MC Datasheet
194Kb / 7P
DUAL 20V PNP LOW SATURATION SWITCHING TRANSISTOR
Rev 1
ZXTN618MA DIODES-ZXTN618MA Datasheet
164Kb / 7P
20V NPN LOW SATURATION TRANSISTOR
Rev 4
ZXTD2M832 DIODES-ZXTD2M832 Datasheet
396Kb / 6P
DUAL 20V PNP LOW SATURATION SWITCHING TRANSISTOR
JANUARY 2007
ZXTC6718MC DIODES-ZXTC6718MC_15 Datasheet
231Kb / 9P
COMPLEMENTARY 20V LOW SATURATION TRANSISTORS
Rev 4
ZXTD618MC DIODES-ZXTD618MC_15 Datasheet
228Kb / 7P
DUAL 20V NPN LOW SATURATION SWITCHING TRANSISTOR
Rev 2
ZXTD718MC DIODES-ZXTD718MC_15 Datasheet
195Kb / 7P
DUAL 20V PNP LOW SATURATION SWITCHING TRANSISTOR
Rev 2
ZXTN618MA DIODES-ZXTN618MA_15 Datasheet
166Kb / 7P
20V NPN LOW SATURATION TRANSISTOR
Rev 5
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com