Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXT14P20DX Datasheet (PDF) - Diodes Incorporated

ZXT14P20DX Datasheet PDF - Diodes Incorporated
Part # ZXT14P20DX
Download  ZXT14P20DX Download
File Size   269.79 Kbytes
Page   6 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 20V PNP SILICON LOW SATURATION SWITCHING TRANSISTOR

ZXT14P20DX Datasheet (PDF)

Go To PDF Page Download Datasheet
ZXT14P20DX Datasheet PDF - Diodes Incorporated

Part # ZXT14P20DX
Download  ZXT14P20DX Click to download

File Size   269.79 Kbytes
Page   6 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 20V PNP SILICON LOW SATURATION SWITCHING TRANSISTOR

ZXT14P20DX Datasheet (HTML) - Diodes Incorporated


ZXT14P20DX Product details

DESCRIPTION
This new 4th generation ultra low saturation transistor utilises the Zetex matrix structure combined with advanced assembly techniques to give extremely low on state losses. This makes it ideal for high efficiency, low voltage switching applications.

FEATURES
• Extremely Low Equivalent On Resistance
• Extremely Low Saturation Voltage
• hFE characterised up to 15A
• IC=5A Continuous Collector Current
• MSOP8 package

APPLICATIONS
• DC - DC Converters
• Power Management Functions
• Power switches
• Motor control




Similar Part No. - ZXT14P20DX

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXT14P20DX ZETEX-ZXT14P20DX Datasheet
265Kb / 6P
20V PNP SILICON LOW SATURATION SWITCHING TRANSISTOR
ZXT14P20DXTA ZETEX-ZXT14P20DXTA Datasheet
265Kb / 6P
20V PNP SILICON LOW SATURATION SWITCHING TRANSISTOR
ZXT14P20DXTC ZETEX-ZXT14P20DXTC Datasheet
265Kb / 6P
20V PNP SILICON LOW SATURATION SWITCHING TRANSISTOR
More results


Similar Description - ZXT14P20DX

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXT10P20DE6 ZETEX-ZXT10P20DE6 Datasheet
230Kb / 6P
20V PNP SILICON LOW SATURATION SWITCHING TRANSISTOR
ZXT12P20DX ZETEX-ZXT12P20DX Datasheet
255Kb / 6P
DUAL 20V PNP SILICON LOW SATURATION SWITCHING TRANSISTOR
ZXT13P20DE6 ZETEX-ZXT13P20DE6 Datasheet
409Kb / 6P
20V PNP SILICON LOW SATURATION SWITCHING TRANSISTOR
ZXT14P20DX ZETEX-ZXT14P20DX Datasheet
265Kb / 6P
20V PNP SILICON LOW SATURATION SWITCHING TRANSISTOR
logo
Diodes Incorporated
ZXT10P20DE6 DIODES-ZXT10P20DE6 Datasheet
242Kb / 6P
20V PNP SILICON LOW SATURATION SWITCHING TRANSISTOR
SEPTEMBER 2000
ZXT13P20DE6 DIODES-ZXT13P20DE6 Datasheet
418Kb / 6P
20V PNP SILICON LOW SATURATION SWITCHING TRANSISTOR
DECEMBER 1999
ZXTP718MA DIODES-ZXTP718MA Datasheet
163Kb / 7P
20V PNP LOW SATURATION SWITCHING TRANSISTOR
Rev 4
ZXT2MA DIODES-ZXT2MA Datasheet
160Kb / 7P
20V PNP LOW SATURATION SWITCHING TRANSISTOR
Rev 1
ZXT2MA DIODES-ZXT2MA_15 Datasheet
160Kb / 7P
20V PNP LOW SATURATION SWITCHING TRANSISTOR
Rev 1
ZX5T2E6 DIODES-ZX5T2E6_16 Datasheet
330Kb / 7P
20V PNP LOW SATURATION SWITCHING TRANSISTOR
Rev 2
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com