Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXT4M322 Datasheet (PDF) - Diodes Incorporated

ZXT4M322 Datasheet PDF - Diodes Incorporated
Part # ZXT4M322
Download  ZXT4M322 Download
File Size   331.75 Kbytes
Page   6 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 70V PNP LOW SATURATION TRANSISTOR

ZXT4M322 Datasheet (PDF)

Go To PDF Page Download Datasheet
ZXT4M322 Datasheet PDF - Diodes Incorporated

Part # ZXT4M322
Download  ZXT4M322 Click to download

File Size   331.75 Kbytes
Page   6 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 70V PNP LOW SATURATION TRANSISTOR

ZXT4M322 Datasheet (HTML) - Diodes Incorporated


ZXT4M322 Product details

DESCRIPTION
Packaged in the new innovative 2mm x 2mm MLP (Micro Leaded Package) outline, this new 4th generation low saturation PNP transistor offers extremely low on state losses making it ideal for use in DC-DC circuits and various driving and power management functions.

Additionally users gain several other key benefits:
   Performance capability equivalent to much larger packages
   Improved circuit efficiency & power levels
   PCB area and device placement savings
   Lower Package Height (0.9mm nom)
   Reduced component count

FEATURES
• Low Equivalent On Resistance
• Extremely Low Saturation Voltage (-220mV max @1A)
• hFE specified up to 3A
• IC=2.5A Continuous Collector Current
• 2mm x 2mm MLP

APPLICATIONS
• DC - DC Converters
• DC - DC Modules
• Power switches
• Motor control




Similar Part No. - ZXT4M322

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXT4M322 ZETEX-ZXT4M322 Datasheet
112Kb / 6P
70V PNP LOW SATURATION TRANSISTOR
More results


Similar Description - ZXT4M322

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXT4M322 ZETEX-ZXT4M322 Datasheet
112Kb / 6P
70V PNP LOW SATURATION TRANSISTOR
ZXTDE4M832 ZETEX-ZXTDE4M832 Datasheet
321Kb / 8P
DUAL 80V NPN & 70V PNP LOW SATURATION TRANSISTOR COMBINATION
logo
Diodes Incorporated
ZXTN26070CV DIODES-ZXTN26070CV Datasheet
145Kb / 7P
70V NPN LOW SATURATION TRANSISTOR IN SOT-666
DS32129 Rev. 3 - 2
ZXTC6720MC DIODES-ZXTC6720MC Datasheet
211Kb / 9P
DUAL 80V NPN & 70V PNP LOW SATURATION TRANSISTOR COMBINATION
Rev 2
ZXTDE4M832 DIODES-ZXTDE4M832 Datasheet
519Kb / 8P
DUAL 80V NPN & 70V PNP LOW SATURATION TRANSISTOR COMBINATION
JUNE 2002
ZXTN26070CV DIODES-ZXTN26070CV_15 Datasheet
145Kb / 7P
70V NPN LOW SATURATION TRANSISTOR IN SOT-666
Rev 3
ZXTP722MA DIODES-ZXTP722MA Datasheet
205Kb / 7P
70V PNP LOW SATURATION TRANSISTOR
Rev 5
FMMT722 DIODES-FMMT722_15 Datasheet
286Kb / 7P
70V PNP SILICON LOW SATURATION TRANSISTOR IN SOT23
Rev 4
ZXTC6720MC DIODES-ZXTC6720MC_15 Datasheet
235Kb / 9P
DUAL 80V NPN & 70V PNP LOW SATURATION TRANSISTOR COMBINATION
Rev 3
ZXTP722MA DIODES-ZXTP722MA_15 Datasheet
205Kb / 7P
70V PNP LOW SATURATION TRANSISTOR
Rev 5
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com