Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXT3M322TA Datasheet (PDF) - Diodes Incorporated

ZXT3M322TA Datasheet PDF - Diodes Incorporated
Part # ZXT3M322TA
Download  ZXT3M322TA Download
File Size   389.54 Kbytes
Page   6 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 40V PNP LOW SATURATION SWITCHING TRANSISTOR

ZXT3M322TA Datasheet (PDF)

Go To PDF Page Download Datasheet
ZXT3M322TA Datasheet PDF - Diodes Incorporated

Part # ZXT3M322TA
Download  ZXT3M322TA Click to download

File Size   389.54 Kbytes
Page   6 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 40V PNP LOW SATURATION SWITCHING TRANSISTOR

ZXT3M322TA Datasheet (HTML) - Diodes Incorporated


ZXT3M322TA Product details

DESCRIPTION
Packaged in the innovative 2mm x 2mm MLP (Micro Leaded Package) outline, this new 4th generation low saturation transistor offers extremely low on state losses making it ideal for use in DC-DC circuits and various driving and power management functions.

Additionally users will also gain several other key benefits:
   Performance capability equivalent to much larger packages
   Improved circuit efficiency & power levels
   PCB area and device placement savings
   Lower package height (nom 0.9mm)

FEATURES
• Low Equivalent On Resistance
• Extremely Low Saturation Voltage (-220mV@ -1A)
• hFE specified up to -3A
• IC= -3A Continuous Collector Current
• 2mm x 2mm MLP

APPLICATIONS
• DC - DC Converters (FET Driving)
• Charging Circuits
• Power switches
• Motor control




Similar Part No. - ZXT3M322TA

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXT3M322TA ZETEX-ZXT3M322TA Datasheet
166Kb / 6P
MPPS Miniature Package Power Solutions 40V PNP LOW SATURATION SWITCHING TRANSISTOR
More results


Similar Description - ZXT3M322TA

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXT10P40DE6 ZETEX-ZXT10P40DE6 Datasheet
228Kb / 6P
40V PNP SILICON LOW SATURATION SWITCHING TRANSISTOR
ZXT13P40DE6 ZETEX-ZXT13P40DE6 Datasheet
413Kb / 6P
40V PNP SILICON LOW SATURATION SWITCHING TRANSISTOR
logo
Diodes Incorporated
ZXT10P40DE6 DIODES-ZXT10P40DE6 Datasheet
241Kb / 6P
40V PNP SILICON LOW SATURATION SWITCHING TRANSISTOR
SEPTEMBER 2000
ZXT13P40DE6 DIODES-ZXT13P40DE6 Datasheet
422Kb / 6P
40V PNP SILICON LOW SATURATION SWITCHING TRANSISTOR
JANUARY 2000
ZXTD720MC DIODES-ZXTD720MC Datasheet
192Kb / 7P
DUAL 40V PNP LOW SATURATION SWITCHING TRANSISTOR
Rev 2
ZXTP720MATA DIODES-ZXTP720MATA Datasheet
221Kb / 7P
40V PNP LOW SATURATION SWITCHING TRANSISTOR
Rev 5
ZXT14P40DX DIODES-ZXT14P40DX Datasheet
264Kb / 6P
40V PNP SILICON LOW SATURATION SWITCHING TRANSISTOR
MARCH 2000
ZXTD720MC DIODES-ZXTD720MC_15 Datasheet
194Kb / 7P
DUAL 40V PNP LOW SATURATION SWITCHING TRANSISTOR
Rev 3
ZXTP720MA DIODES-ZXTP720MA_15 Datasheet
221Kb / 7P
40V PNP LOW SATURATION SWITCHING TRANSISTOR
Rev 5
ZXTP5240F DIODES-ZXTP5240F Datasheet
394Kb / 7P
40V PNP LOW SATURATION TRANSISTOR
Rev 2
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com