Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STY112N65M5 Datasheet (PDF) - STMicroelectronics

STY112N65M5 Datasheet PDF - STMicroelectronics
Part # STY112N65M5
Download  STY112N65M5 Download
File Size   856.87 Kbytes
Page   12 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description N-channel 650 V, 0.019 Ω, 96 A, MDmesh™V Power MOSFET in Max247 package

STY112N65M5 Datasheet (PDF)

Go To PDF Page Download Datasheet
STY112N65M5 Datasheet PDF - STMicroelectronics

Part # STY112N65M5
Download  STY112N65M5 Click to download

File Size   856.87 Kbytes
Page   12 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description N-channel 650 V, 0.019 Ω, 96 A, MDmesh™V Power MOSFET in Max247 package

STY112N65M5 Datasheet (HTML) - STMicroelectronics


STY112N65M5 Product details

Description
This device is an N-channel MDmesh™ V Power MOSFET based on an innovative proprietary vertical process technology, which is combined with STMicroelectronics’ well-known PowerMESH™ horizontal layout structure. The resulting product has extremely low on-resistance, which is unmatched among silicon based Power MOSFETs, making it especially suitable for applications which require superior power density and outstanding efficiency.

Features
■ Higher VDSS rating
■ Higher dv/dt capability
■ Excellent switching performance
■ Easy to drive
■ 100% avalanche tested

Applications
■ Switching applications




Similar Part No. - STY112N65M5

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STY100NM60N STMICROELECTRONICS-STY100NM60N Datasheet
815Kb / 13P
Low input capacitance and gate charge
05-Nov-2012
STY100NS20FD STMICROELECTRONICS-STY100NS20FD Datasheet
260Kb / 8P
N-CHANNEL 200V - 0.022ohm - 100A Max247 MESH OVERLAY™ Power MOSFET
Jan-2002
STY100NS20FD STMICROELECTRONICS-STY100NS20FD Datasheet
232Kb / 12P
N-channel 200V - 0.022Ω - 100A - Max247 MESH OVERLAY??Power MOSFET
15-May-2006
logo
Inchange Semiconductor ...
STY100NS20FD ISC-STY100NS20FD Datasheet
364Kb / 2P
isc N-Channel MOSFET Transistor
logo
STMicroelectronics
STY100NS20FD STMICROELECTRONICS-STY100NS20FD_06 Datasheet
232Kb / 12P
N-channel 200V - 0.022Ω - 100A - Max247 MESH OVERLAY??Power MOSFET
15-May-2006
More results


Similar Description - STY112N65M5

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STY145N65M5 STMICROELECTRONICS-STY145N65M5 Datasheet
788Kb / 13P
N-channel 650 V, 0.012 廓 typ., 138 A, MDmesh??V Power MOSFET in Max247 package
17-Jan-2013
STY139N65M5 STMICROELECTRONICS-STY139N65M5 Datasheet
971Kb / 13P
N-channel 650 V, 0.014 Ω typ., 130 A, MDmesh™V Power MOSFET in Max247 package
24-Jan-2013
STY105NM50N STMICROELECTRONICS-STY105NM50N Datasheet
907Kb / 13P
N-channel 500 V, 0.019 Ω typ., 110 A, MDmesh™ II Power MOSFET in a Max247 package
July 2013 Rev 3
STD10LN80K5 STMICROELECTRONICS-STD10LN80K5 Datasheet
842Kb / 17P
N-channel 800 V, 0.55 Ω typ., 8 A MDmesh™ K5 Power MOSFET in a DPAK package
09-Mar-2016
STD3N65M6 STMICROELECTRONICS-STD3N65M6 Datasheet
630Kb / 18P
N-channel 650 V, 1.4 Ω typ., 3.5 A MDmesh M6 Power MOSFET in a DPAK package
08-Jul-2019
STD5N65M6 STMICROELECTRONICS-STD5N65M6 Datasheet
801Kb / 15P
N-channel 650 V, 1.15 Ω typ., 4 A MDmesh™ M6 Power MOSFET in a DPAK package
05-May-2016
STD9N80K5 STMICROELECTRONICS-STD9N80K5 Datasheet
387Kb / 19P
N-channel 800 V, 0.73 Ω typ., 7 A MDmesh™ K5 Power MOSFET in a DPAK package
12-Nov-2018
STF5N65M6 STMICROELECTRONICS-STF5N65M6 Datasheet
700Kb / 13P
N-channel 650 V, 1.15 Ω typ., 4 A MDmesh™ M6 Power MOSFET in a TO-220FP package
05-May-2016
STW70N65M2 STMICROELECTRONICS-STW70N65M2 Datasheet
716Kb / 12P
N-channel 650 V, 0.039 Ω typ., 63 A MDmesh™ M2 Power MOSFET in a TO-247 package
04-Feb-2016
STY50N105DK5 STMICROELECTRONICS-STY50N105DK5 Datasheet
716Kb / 12P
N-channel 1050 V, 0.110 Ω typ., 46 A MDmesh™ DK5 Power MOSFET in a Max247 package
19-Dec-2016
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com