Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SK2109 Datasheet (PDF) - NEC

2SK2109 Datasheet PDF - NEC
Part # 2SK2109
Download  2SK2109 Download
File Size   58.67 Kbytes
Page   6 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description N-CHANNEL MOS FET FOR HIGH-SPEED SWITCHING

2SK2109 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SK2109 Datasheet PDF - NEC

Part # 2SK2109
Download  2SK2109 Click to download

File Size   58.67 Kbytes
Page   6 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description N-CHANNEL MOS FET FOR HIGH-SPEED SWITCHING

2SK2109 Datasheet (HTML) - NEC


2SK2109 Product details

N-CHANNEL MOS FET FOR HIGH-SPEED SWITCHING

The 2SK2109 is a N-channel MOS FET of a vertical type and is a switching element that can be directly driven by the output of an IC operating at 5 V.
This product has a low ON resistance and superb switching characteristics and is ideal for driving the actuator, such as motors and DC/DC converters.

FEATURES
• Low ON resistance
   RDS(on) = 1.0 Ω MAX. @VGS = 4.0 V, ID = 0.3 A
• High switching speed
   ton + toff < 100 ns
• Low parasitic capacitance




Similar Part No. - 2SK2109

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
2SK2109 KEXIN-2SK2109 Datasheet
46Kb / 1P
MOS Field Effect Transistor
logo
Renesas Technology Corp
2SK2109 RENESAS-2SK2109 Datasheet
261Kb / 8P
MOS FIELD EFFECT TRANSISTOR
1996
logo
Guangdong Kexin Industr...
2SK2109 KEXIN-2SK2109_15 Datasheet
702Kb / 3P
N-Channel MOSFET
More results


Similar Description - 2SK2109

ManufacturerPart #DatasheetDescription
logo
NEC
2SK1133 NEC-2SK1133 Datasheet
363Kb / 6P
N-CHANNEL MOS FET FOR HIGH SPEED SWITCHING
2SK1272 NEC-2SK1272 Datasheet
401Kb / 6P
N-CHANNEL MOS FET FOR HIGH SPEED SWITCHING
2SK1273 NEC-2SK1273 Datasheet
356Kb / 6P
N-CHANNEL MOS FET FOR HIGH SPEED SWITCHING
2SK1398 NEC-2SK1398 Datasheet
52Kb / 8P
N-CHANNEL MOS FET FOR HIGH SPEED SWITCHING
2SK1958 NEC-2SK1958 Datasheet
60Kb / 6P
N-CHANNEL MOS FET FOR HIGH SPEED SWITCHING
2SK2053 NEC-2SK2053 Datasheet
62Kb / 6P
N-CHANNEL MOS FET FOR HIGH-SPEED SWITCHING
2SK2070 NEC-2SK2070 Datasheet
59Kb / 6P
N-CHANNEL MOS FET FOR HIGH-SPEED SWITCHING
2SK2090 NEC-2SK2090 Datasheet
59Kb / 6P
N-Channel MOS FET FOR HIGH-SPEED SWITCHING
2SK2110 NEC-2SK2110 Datasheet
58Kb / 6P
N-CHANNEL MOS FET FOR HIGH-SPEED SWITCHING
2SK2159 NEC-2SK2159 Datasheet
62Kb / 6P
N-CHANNEL MOS FET FOR HIGH-SPEED SWITCHING
More results




About NEC


NEC Corporation is a Japanese multinational information technology and electronics company. The company was founded in 1899 and is headquartered in Tokyo, Japan. NEC provides a wide range of products and services including information technology, telecommunications, and electronics. Its portfolio includes computer hardware, software, and services, network solutions, display solutions, and enterprise servers and storage solutions.

NEC is known for its expertise in the field of information technology and its ability to deliver innovative and high-quality products and services. The company has operations and facilities in various countries across the world and has a strong presence in the Asia-Pacific region. NEC works closely with its customers to provide customized solutions that meet their specific requirements and needs.

In addition to its core business, NEC is also active in the fields of research and development, and is involved in various projects related to advanced technologies such as artificial intelligence, 5G networks, and the Internet of Things (IoT). NEC is committed to delivering sustainable solutions that support the development of society and improve the quality of life for people around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com