Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7302BNZ Datasheet (PDF) - Analog Devices

AD7302BNZ Datasheet PDF - Analog Devices
Part # AD7302BNZ
Download  AD7302BNZ Download
File Size   295.37 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 2.7 V to 5.5 V, Parallel Input Dual Voltage Output 8-Bit DAC

AD7302BNZ Datasheet (PDF)

Go To PDF Page Download Datasheet
AD7302BNZ Datasheet PDF - Analog Devices

Part # AD7302BNZ
Download  AD7302BNZ Click to download

File Size   295.37 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 2.7 V to 5.5 V, Parallel Input Dual Voltage Output 8-Bit DAC

AD7302BNZ Datasheet (HTML) - Analog Devices


AD7302BNZ Product details

GENERAL DESCRIPTION
The AD7302 is a dual, 8-bit voltage out DAC that operates from a single +2.7 V to +5.5 V supply. Its on-chip precision output buffers allow the DAC outputs to swing rail to rail. The AD7302 has a parallel microprocessor and DSP-compatible interface with high speed registers and double buffered interface logic. Data is loaded to the registers on the rising edge of CS or WR and the A/B pin selects either DAC A or DAC B.
   
FEATURES
    Two 8-Bit DACs In One Package
    20-Lead DIP/SOIC/TSSOP Package
    +2.7 V to +5.5 V Operation
    Internal and External Reference Capability
    DAC Power-Down Function
    Parallel Interface
    On-Chip Output Buffer
        Rail-to-Rail Operation
    Low Power Operation 3 mA max @ 3.3 V
    Power-Down to 1 μA max @ 25°C
   
APPLICATIONS
    Portable Battery Powered Instruments
    Digital Gain and Offset Adjustment
    Programmable Voltage and Current Sources
    Programmable Attenuators
   




Similar Part No. - AD7302BNZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7302BN AD-AD7302BN Datasheet
292Kb / 16P
2.7 V to 5.5 V, Parallel Input Dual Voltage Output 8-Bit DAC
AD7302BN AD-AD7302BN Datasheet
295Kb / 16P
2.7 V to 5.5 V, Parallel Input Dual Voltage Output 8-Bit DAC
REV. 0
AD7302BN AD-AD7302BN Datasheet
218Kb / 16P
2.7 V to 5.5 V, Parallel Input Dual Voltage Output 8-Bit DAC
REV. 0
More results


Similar Description - AD7302BNZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7302 AD-AD7302 Datasheet
292Kb / 16P
2.7 V to 5.5 V, Parallel Input Dual Voltage Output 8-Bit DAC
AD7801 AD-AD7801 Datasheet
219Kb / 16P
2.7 V to 5.5 V, Parallel Input, Voltage Output 8-Bit DAC
REV.0
AD7801BRZ-REEL AD-AD7801BRZ-REEL Datasheet
222Kb / 16P
2.7 V to 5.5 V, Parallel Input, Voltage Output 8-Bit DAC
REV. 0
AD7801BRUZ AD-AD7801BRUZ Datasheet
222Kb / 16P
2.7 V to 5.5 V, Parallel Input, Voltage Output 8-Bit DAC
REV. 0
AD7302BRUZ AD-AD7302BRUZ Datasheet
295Kb / 16P
2.7 V to 5.5 V, Parallel Input Dual Voltage Output 8-Bit DAC
REV. 0
AD7303BNZ AD-AD7303BNZ Datasheet
363Kb / 16P
2.7 V to 5.5 V, Serial Input, Dual Voltage Output 8-Bit DAC
REV. 0
AD7302BRUZ AD-AD7302BRUZ Datasheet
218Kb / 16P
2.7 V to 5.5 V, Parallel Input Dual Voltage Output 8-Bit DAC
REV. 0
AD7303BRZ AD-AD7303BRZ Datasheet
292Kb / 16P
2.7 V to 5.5 V, Serial Input, Dual Voltage Output 8-Bit DAC
REV. 0
AD7302 AD-AD7302_15 Datasheet
295Kb / 16P
2.7 V to 5.5 V, Parallel Input Dual Voltage Output 8-Bit DAC
REV. 0
AD7801 AD-AD7801_15 Datasheet
222Kb / 16P
2.7 V to 5.5 V, Parallel Input, Voltage Output 8-Bit DAC
REV. 0
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com