Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZH431 Datasheet (PDF) - Diodes Incorporated

ZH431 Datasheet PDF - Diodes Incorporated
Part # ZH431
Download  ZH431 Download
File Size   103.66 Kbytes
Page   7 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description ADJUSTABLE PRECISION ZENER SHUNT REGULATOR

ZH431 Datasheet (PDF)

Go To PDF Page Download Datasheet
ZH431 Datasheet PDF - Diodes Incorporated

Part # ZH431
Download  ZH431 Click to download

File Size   103.66 Kbytes
Page   7 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description ADJUSTABLE PRECISION ZENER SHUNT REGULATOR

ZH431 Datasheet (HTML) - Diodes Incorporated


ZH431 Product details

DEVICE DESCRIPTION
The ZH431 is a three terminal adjustable shunt regulator offering excellent temperature stability and output current handling capability up to 30mA. The output voltage may be set to any chosen voltage between 2.5 and 36 volts by selection of two external divider resistors.

FEATURES
• Surface mount SO8, SOT223,SOT23 and SOT89 packages
• TO92 package
• 2% and 1% tolerance
• Maximum temperature coefficient 55 ppm/°C
• Temperature compensated for operation over the full temperature range
• Programmable output voltage
• 50µA to 30mA current sink capability
• Low output noise

APPLICATIONS
• Shunt regulator
• Series regulator
• Voltage monitor
• Over voltage/ under voltage protection
• Switch mode power supplies




Similar Part No. - ZH431

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ZH431 ETC-ZH431 Datasheet
106Kb / 7P
ADJUSTABLE PRECISION ZENER SHUNT REGULATOR
ZH431C01 ETC-ZH431C01 Datasheet
106Kb / 7P
ADJUSTABLE PRECISION ZENER SHUNT REGULATOR
ZH431C02 ETC-ZH431C02 Datasheet
106Kb / 7P
ADJUSTABLE PRECISION ZENER SHUNT REGULATOR
ZH431F01 ETC-ZH431F01 Datasheet
106Kb / 7P
ADJUSTABLE PRECISION ZENER SHUNT REGULATOR
ZH431F02 ETC-ZH431F02 Datasheet
106Kb / 7P
ADJUSTABLE PRECISION ZENER SHUNT REGULATOR
More results


Similar Description - ZH431

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZR431L ZETEX-ZR431L Datasheet
207Kb / 7P
ADJUSTABLE PRECISION ZENER SHUNT REGULATOR
logo
List of Unclassifed Man...
ZH431 ETC-ZH431 Datasheet
106Kb / 7P
ADJUSTABLE PRECISION ZENER SHUNT REGULATOR
logo
Zetex Semiconductors
ZR2431 ZETEX-ZR2431 Datasheet
103Kb / 7P
ADJUSTABLE PRECISION ZENER SHUNT REGULATOR
logo
Diodes Incorporated
ZR431 DIODES-ZR431 Datasheet
114Kb / 7P
ADJUSTABLE PRECISION ZENER SHUNT REGULATOR
DECEMBER 2002
ZR431GTA DIODES-ZR431GTA Datasheet
152Kb / 7P
ADJUSTABLE PRECISION ZENER SHUNT REGULATOR
SEPTEMBER 2000
ZR431FTA DIODES-ZR431FTA Datasheet
168Kb / 9P
ADJUSTABLE PRECISION ZENER SHUNT REGULATOR
Rev 6
ZR431F005TA DIODES-ZR431F005TA Datasheet
168Kb / 9P
ADJUSTABLE PRECISION ZENER SHUNT REGULATOR
Rev 6
ZR2431 DIODES-ZR2431 Datasheet
101Kb / 7P
ADJUSTABLE PRECISION ZENER SHUNT REGULATOR
DECEMBER 1997
logo
Texas Instruments
LM431 TI1-LM431_16 Datasheet
1Mb / 32P
Adjustable Precision Zener Shunt Regulator
logo
SHANGHAI BELLING CO., L...
BL431 BELLING-BL431_17 Datasheet
241Kb / 9P
ADJUSTABLE PRECISION ZENER SHUNT REGULATOR
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com