Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

10045267-101LF Datasheet (PDF) - FCI connector

10045267-101LF Datasheet PDF - FCI connector
Part # 10045267-101LF
Download  10045267-101LF Download
File Size   320.98 Kbytes
Page   5 Pages
Manufacturer  FCI-CONNECTOR [FCI connector]
Direct Link  http://www.fciconnect.com
Logo FCI-CONNECTOR - FCI connector
Description AirMax VS R/A HEADER ASSY PRESS-FIT, 72 POSM 18MM

10045267-101LF Datasheet (PDF)

Go To PDF Page Download Datasheet
10045267-101LF Datasheet PDF - FCI connector

Part # 10045267-101LF
Download  10045267-101LF Click to download

File Size   320.98 Kbytes
Page   5 Pages
Manufacturer  FCI-CONNECTOR [FCI connector]
Direct Link  http://www.fciconnect.com
Logo FCI-CONNECTOR - FCI connector
Description AirMax VS R/A HEADER ASSY PRESS-FIT, 72 POSM 18MM

10045267-101LF Datasheet (HTML) - FCI connector




Similar Part No. - 10045267-101LF

ManufacturerPart #DatasheetDescription
logo
Heyco.
10045 HEYCO-10045 Datasheet
111Kb / 1P
Nylon PCB Supports - Imperial Spacing
logo
FCI connector
10045103 FCI-CONNECTOR-10045103 Datasheet
207Kb / 2P
S-ATA COMB RECEP. VERTICAL SMT TYPE ASSY
10045103-001C-TRLF FCI-CONNECTOR-10045103-001C-TRLF Datasheet
207Kb / 2P
S-ATA COMB RECEP. VERTICAL SMT TYPE ASSY
10045103-001CLF FCI-CONNECTOR-10045103-001CLF Datasheet
207Kb / 2P
S-ATA COMB RECEP. VERTICAL SMT TYPE ASSY
10045103-001LF FCI-CONNECTOR-10045103-001LF Datasheet
207Kb / 2P
S-ATA COMB RECEP. VERTICAL SMT TYPE ASSY
More results


Similar Description - 10045267-101LF

ManufacturerPart #DatasheetDescription
logo
FCI connector
10028436 FCI-CONNECTOR-10028436 Datasheet
184Kb / 5P
AIRMAX VS R/A HEADER ASSY PRESS-FIT I20 POS 22MM
logo
Amphenol Corporation
AA24008000 AMPHENOL-AA24008000 Datasheet
233Kb / 5P
AirMax VS RA HEADER ASSY PRESS-FIT
logo
FCI connector
10043546 FCI-CONNECTOR-10043546 Datasheet
307Kb / 5P
AirMax VS VERT RECPT ASSY
logo
Amphenol Corporation
AA622-01000 AMPHENOL-AA622-01000 Datasheet
113Kb / 2P
AIRMAX VS RA HEADER ASSY POWER,PRESS-FIT,2X2 POS,12MM
logo
Amphenol Communications...
10016527 AMPHENOLCS-10016527 Datasheet
428Kb / 5P
airmax vs r/a header assy press-fit, 150 pos, 20mm
Rev H
10052824 AMPHENOLCS-10052824 Datasheet
363Kb / 5P
airmax vs r/a header assy press-fit, 72 pos, 20mm
Rev B
10028917 AMPHENOLCS-10028917 Datasheet
504Kb / 2P
R/A HEADER ASSY 2X2 AIRMAX POWER
Rev. H
10052620 AMPHENOLCS-10052620 Datasheet
514Kb / 2P
R/A RECEPTACLE ASSY 2X2 AirMAX Power
Rev. J
10061289 AMPHENOLCS-10061289 Datasheet
309Kb / 2P
R/A HEADER ASSY 2X3 POWER AIRMAX POWER
Rev. C
10073379 AMPHENOLCS-10073379 Datasheet
708Kb / 3P
R/A HEADER ASSY 2X2 AIRMAX POWER 11.5MM HEIGHT
Rev. G
More results




About FCI connector


FCI connector is a type of electrical connector produced by FCI (Framatome Connectors International), a manufacturer of connectors and interconnect systems for a variety of industries, including telecommunications, consumer electronics, automotive, industrial, and aerospace.

FCI connectors are designed to provide a reliable and secure electrical connection between two devices or components. They come in a wide range of sizes and configurations to accommodate different applications and requirements, and they are commonly used in printed circuit boards (PCBs), backplanes, and other electronic systems.

Some of the key features of FCI connectors include their durability, high speed and signal integrity, low profile, and ease of installation. They are also designed to withstand harsh environments, such as high temperatures and vibrations.

FCI offers a broad portfolio of connectors, including board-to-board connectors, wire-to-board connectors, input/output (I/O) connectors, and power connectors. The company also provides a range of engineering and design services to help customers develop custom connectors and interconnect solutions for their specific needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com