Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XBS013S15-12 Datasheet (PDF) - Torex Semiconductor

XBS013S15-12 Datasheet PDF - Torex Semiconductor
Part # XBS013S15-12
Download  XBS013S15-12 Download
File Size   91.39 Kbytes
Page   3 Pages
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor
Description Schottky Barrier Diode, 100mA, 30V Type

XBS013S15-12 Datasheet (PDF)

Go To PDF Page Download Datasheet
XBS013S15-12 Datasheet PDF - Torex Semiconductor

Part # XBS013S15-12
Download  XBS013S15-12 Click to download

File Size   91.39 Kbytes
Page   3 Pages
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor
Description Schottky Barrier Diode, 100mA, 30V Type

XBS013S15-12 Datasheet (HTML) - Torex Semiconductor


XBS013S15-12 Product details

■ FEATURES
   Forward Voltage : VF=0.71V (TYP.)
   Forward Current : IF(AV)=100mA
   Repetitive Peak Reverse Voltage: VRM=30V
   Environmentally Friendly : EU RoHS Compliant, Pb Free

■ APPLICATIONS
● Low Current Rectification




Similar Part No. - XBS013S15-12

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XBS013S15 TOREX-XBS013S15 Datasheet
71Kb / 3P
Schottky Barrier Diode, 100mA, 30V Type
XBS013S15R TOREX-XBS013S15R Datasheet
91Kb / 3P
Schottky Barrier Diode, 100mA, 30V Type
XBS013S15R-G TOREX-XBS013S15R-G Datasheet
91Kb / 3P
Schottky Barrier Diode, 100mA, 30V Type
XBS013S15 TOREX-XBS013S15_12 Datasheet
91Kb / 3P
Schottky Barrier Diode, 100mA, 30V Type
XBS013S15 TOREX-XBS013S15_15 Datasheet
91Kb / 3P
Schottky Barrier Diode
More results


Similar Description - XBS013S15-12

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XBS013S15 TOREX-XBS013S15 Datasheet
71Kb / 3P
Schottky Barrier Diode, 100mA, 30V Type
XBS013S16 TOREX-XBS013S16 Datasheet
71Kb / 3P
Schottky Barrier Diode, 100mA, 30V Type
XBS013R1DR TOREX-XBS013R1DR_12 Datasheet
87Kb / 3P
Schottky Barrier Diode, 100mA, 30V Type
XBS013S1CR TOREX-XBS013S1CR_12 Datasheet
73Kb / 3P
Schottky Barrier Diode, 100mA, 30V Type
XBS013S16 TOREX-XBS013S16_12 Datasheet
93Kb / 3P
Schottky Barrier Diode, 100mA, 30V Type
XBS013R1DR-12 TOREX-XBS013R1DR-12 Datasheet
87Kb / 3P
Schottky Barrier Diode, 100mA, 30V Type
XBS013S1CR-12 TOREX-XBS013S1CR-12 Datasheet
73Kb / 3P
Schottky Barrier Diode, 100mA, 30V Type
XBS013S16-12 TOREX-XBS013S16-12 Datasheet
93Kb / 3P
Schottky Barrier Diode, 100mA, 30V Type
XBS013V1DR-12 TOREX-XBS013V1DR-12 Datasheet
88Kb / 3P
Schottky Barrier Diode, 100mA, 30V Type
XBS013P11R-G TOREX-XBS013P11R-G Datasheet
228Kb / 5P
Schottky Barrier Diode, 100mA, 30V Type
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com