Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

6MBP20RH060 Datasheet (PDF) - Fuji Electric

6MBP20RH060 Datasheet PDF - Fuji Electric
Part # 6MBP20RH060
Download  6MBP20RH060 Download
File Size   106.36 Kbytes
Page   5 Pages
Manufacturer  FUJI [Fuji Electric]
Direct Link  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric
Description IGBT-IPM(600V/20A)

6MBP20RH060 Datasheet (PDF)

Go To PDF Page Download Datasheet
6MBP20RH060 Datasheet PDF - Fuji Electric

Part # 6MBP20RH060
Download  6MBP20RH060 Click to download

File Size   106.36 Kbytes
Page   5 Pages
Manufacturer  FUJI [Fuji Electric]
Direct Link  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric
Description IGBT-IPM(600V/20A)

6MBP20RH060 Datasheet (HTML) - Fuji Electric




Similar Part No. - 6MBP20RH060

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
6MBP20RTA060 FUJI-6MBP20RTA060 Datasheet
825Kb / 22P
IGBT - IPM
6MBP20RY060 FUJI-6MBP20RY060 Datasheet
1Mb / 11P
IGBT-IPM
More results


Similar Description - 6MBP20RH060

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
6MBP200RA060 FUJI-6MBP200RA060 Datasheet
318Kb / 7P
IGBT-IPM(600V/200A)
6MBP300RA060 FUJI-6MBP300RA060 Datasheet
318Kb / 7P
IGBT-IPM(600V/300A)
6MBP30RH060 FUJI-6MBP30RH060 Datasheet
109Kb / 5P
IGBT-IPM(600V/30A)
6MBP50RA060 FUJI-6MBP50RA060 Datasheet
789Kb / 7P
IGBT-IPM(600V/50A)
6MBP75RA060 FUJI-6MBP75RA060 Datasheet
776Kb / 7P
IGBT-IPM(600V/75A)
7MBP300RA060 FUJI-7MBP300RA060 Datasheet
379Kb / 8P
IGBT-IPM(600V / 300A)
6MBP20VAA060-50 FUJI-6MBP20VAA060-50 Datasheet
814Kb / 8P
IGBT MODULE (V series) 600V / 20A / IPM
logo
Infineon Technologies A...
IM393-X6E INFINEON-IM393-X6E Datasheet
1Mb / 26P
CIPOS??Tiny IPM 600V/20A
V2.0 2019-05-21
IM393-X6F INFINEON-IM393-X6F Datasheet
1Mb / 24P
CIPOS??Tiny IPM 600V/20A
V2.0 2019-05-25
IM393-X6FP INFINEON-IM393-X6FP Datasheet
2Mb / 24P
CIPOS??Tiny IPM 600V/20A
2020-01-20 revision:2.0
More results




About Fuji Electric


Fuji Electric is a Japanese company that specializes in the manufacture of electrical and electronic equipment.
The company was founded in 1923 and is headquartered in Tokyo, Japan.
Fuji Electric offers a wide range of products including power electronics equipment, industrial automation equipment, and more.
The company is known for its expertise in power electronics and energy management, as well as its innovative technologies in the fields of electric vehicles, renewable energy, and smart grid solutions.
Fuji Electric has operations and facilities in various countries across the world and works closely with its customers to provide customized solutions that meet their specific requirements and needs.
In addition to its industrial and commercial products, Fuji Electric also provides a range of products and solutions for consumer and residential applications, such as air-conditioning systems, home appliances, and home security systems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com