Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F339R Datasheet (PDF) - Fox Electronics

F339R Datasheet PDF - Fox Electronics
Part # F339R
Download  F339R Download
File Size   504.25 Kbytes
Page   2 Pages
Manufacturer  FOX [Fox Electronics]
Direct Link  http://www.foxonline.com
Logo FOX - Fox Electronics
Description HCMOS 3.2x2.5mm 3.3V SMD Oscillator

F339R Datasheet (PDF)

Go To PDF Page Download Datasheet
F339R Datasheet PDF - Fox Electronics

Part # F339R
Download  F339R Click to download

File Size   504.25 Kbytes
Page   2 Pages
Manufacturer  FOX [Fox Electronics]
Direct Link  http://www.foxonline.com
Logo FOX - Fox Electronics
Description HCMOS 3.2x2.5mm 3.3V SMD Oscillator

F339R Datasheet (HTML) - Fox Electronics




Similar Part No. - F339R

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
F339X121033ACA2W0 VISHAY-F339X121033ACA2W0 Datasheet
158Kb / 13P
Interference Suppression Film Capacitor - Class X1 Radial MKP 330 VAC - Standard Across the Line
30-Jun-15
F339X121033ACI2W0 VISHAY-F339X121033ACI2W0 Datasheet
158Kb / 13P
Interference Suppression Film Capacitor - Class X1 Radial MKP 330 VAC - Standard Across the Line
30-Jun-15
F339X121033ACM2W0 VISHAY-F339X121033ACM2W0 Datasheet
158Kb / 13P
Interference Suppression Film Capacitor - Class X1 Radial MKP 330 VAC - Standard Across the Line
30-Jun-15
F339X121033ACP2W0 VISHAY-F339X121033ACP2W0 Datasheet
158Kb / 13P
Interference Suppression Film Capacitor - Class X1 Radial MKP 330 VAC - Standard Across the Line
30-Jun-15
F339X121033ADA2W0 VISHAY-F339X121033ADA2W0 Datasheet
158Kb / 13P
Interference Suppression Film Capacitor - Class X1 Radial MKP 330 VAC - Standard Across the Line
30-Jun-15
More results


Similar Description - F339R

ManufacturerPart #DatasheetDescription
logo
Fox Electronics
F330A FOX-F330A Datasheet
235Kb / 2P
HCMOS 3.2x2.5mm 3.3V SMD Oscillator
F330 FOX-F330 Datasheet
102Kb / 2P
HCMOS 3.2x2.5mm 3.3V SMD Oscillator
F337 FOX-F337 Datasheet
504Kb / 2P
HCMOS 3.2x2.5mm 3.3V SMD Oscillator
F316R-12.000 FOX-F316R-12.000 Datasheet
431Kb / 2P
HCMOS 3.2x2.5mm 1.8V SMD Oscillator
F316R-12.288 FOX-F316R-12.288 Datasheet
431Kb / 2P
HCMOS 3.2x2.5mm 1.8V SMD Oscillator
F316R-20.000 FOX-F316R-20.000 Datasheet
431Kb / 2P
HCMOS 3.2x2.5mm 1.8V SMD Oscillator
F316R-24.000 FOX-F316R-24.000 Datasheet
431Kb / 2P
HCMOS 3.2x2.5mm 1.8V SMD Oscillator
F316R-48.000 FOX-F316R-48.000 Datasheet
431Kb / 2P
HCMOS 3.2x2.5mm 1.8V SMD Oscillator
O3HL FOX-O3HL Datasheet
242Kb / 3P
HCMOS 3.2x2.5mm SMD Oscillator
O3HS FOX-O3HS Datasheet
343Kb / 7P
HCMOS 3.2x2.5mm SMD Oscillator
More results




About Fox Electronics


Fox Electronics is a company that specializes in the design and manufacturing of frequency control products, including crystal oscillators, temperature-compensated crystal oscillators (TCXOs), voltage-controlled crystal oscillators (VCXOs), and frequency control modules. They provide solutions for a variety of industries including telecommunications, industrial, military, aerospace, and consumer electronics.

Founded in 1979, Fox Electronics has become a leading supplier of frequency control products, with a strong reputation for quality and reliability. They offer a wide range of standard products, as well as customized solutions to meet specific customer requirements.

In addition to their frequency control products, Fox Electronics also provides technical support, testing, and certification services to ensure that their products meet industry standards and customer specifications.

Overall, Fox Electronics is a trusted and reputable supplier of frequency control products, with a long history of innovation, quality, and customer service.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com