Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F549F Datasheet (PDF) - Fox Electronics

F549F Datasheet PDF - Fox Electronics
Part # F549F
Download  F549F Download
File Size   203.88 Kbytes
Page   2 Pages
Manufacturer  FOX [Fox Electronics]
Direct Link  http://www.foxonline.com
Logo FOX - Fox Electronics
Description HCMOS 5x3.2mm 2.5V SMD Oscillator

F549F Datasheet (PDF)

Go To PDF Page Download Datasheet
F549F Datasheet PDF - Fox Electronics

Part # F549F
Download  F549F Click to download

File Size   203.88 Kbytes
Page   2 Pages
Manufacturer  FOX [Fox Electronics]
Direct Link  http://www.foxonline.com
Logo FOX - Fox Electronics
Description HCMOS 5x3.2mm 2.5V SMD Oscillator

F549F Datasheet (HTML) - Fox Electronics




Similar Part No. - F549F

ManufacturerPart #DatasheetDescription
logo
Fox Electronics
F549 FOX-F549 Datasheet
220Kb / 2P
HCMOS 5x3.2mm 2.5V SMD Oscillator
F549R FOX-F549R Datasheet
220Kb / 2P
HCMOS 5x3.2mm 2.5V SMD Oscillator
More results


Similar Description - F549F

ManufacturerPart #DatasheetDescription
logo
Fox Electronics
F550H FOX-F550H Datasheet
165Kb / 2P
HCMOS 5x3.2mm 5.0V SMD Oscillator
F547 FOX-F547 Datasheet
220Kb / 2P
HCMOS 5x3.2mm 2.5V SMD Oscillator
F540L FOX-F540L Datasheet
166Kb / 2P
HCMOS 5x3.2mm 2.5V SMD Oscillator
F530LA FOX-F530LA Datasheet
189Kb / 2P
HCMOS 5x3.2mm 3.3V SMD Oscillator
F530L FOX-F530L Datasheet
188Kb / 2P
HCMOS 5x3.2mm 3.3V SMD Oscillator
F520L FOX-F520L Datasheet
167Kb / 2P
HCMOS 5x3.2mm 2.85V SMD Oscillator
logo
EUROQUARTZ limited
EQXP-HC52 EUROQUARTZ-EQXP-HC52 Datasheet
166Kb / 1P
HCMOS 5x3.2mm 2.5V OSCILLATOR
logo
Fox Electronics
FSS52 FOX-FSS52 Datasheet
439Kb / 3P
HCMOS 5x3.2mm 2.5V SMD Oscillator
O5HA FOX-O5HA Datasheet
283Kb / 5P
HCMOS 5x3.2mm SMD Oscillator
O5HL FOX-O5HL Datasheet
243Kb / 3P
HCMOS 5x3.2mm SMD Oscillator
More results




About Fox Electronics


Fox Electronics is a company that specializes in the design and manufacturing of frequency control products, including crystal oscillators, temperature-compensated crystal oscillators (TCXOs), voltage-controlled crystal oscillators (VCXOs), and frequency control modules. They provide solutions for a variety of industries including telecommunications, industrial, military, aerospace, and consumer electronics.

Founded in 1979, Fox Electronics has become a leading supplier of frequency control products, with a strong reputation for quality and reliability. They offer a wide range of standard products, as well as customized solutions to meet specific customer requirements.

In addition to their frequency control products, Fox Electronics also provides technical support, testing, and certification services to ensure that their products meet industry standards and customer specifications.

Overall, Fox Electronics is a trusted and reputable supplier of frequency control products, with a long history of innovation, quality, and customer service.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com