Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FVM25AXT Datasheet (PDF) - Fox Electronics

FVM25AXT Datasheet PDF - Fox Electronics
Part # FVM25AXT
Download  FVM25AXT Download
File Size   36.66 Kbytes
Page   1 Pages
Manufacturer  FOX [Fox Electronics]
Direct Link  http://www.foxonline.com
Logo FOX - Fox Electronics
Description 3.3V HCMOS, CERAMIC, SMD, VCXO

FVM25AXT Datasheet (PDF)

Go To PDF Page Download Datasheet
FVM25AXT Datasheet PDF - Fox Electronics

Part # FVM25AXT
Download  FVM25AXT Click to download

File Size   36.66 Kbytes
Page   1 Pages
Manufacturer  FOX [Fox Electronics]
Direct Link  http://www.foxonline.com
Logo FOX - Fox Electronics
Description 3.3V HCMOS, CERAMIC, SMD, VCXO

FVM25AXT Datasheet (HTML) - Fox Electronics




Similar Part No. - FVM25AXT

ManufacturerPart #DatasheetDescription
logo
Level One
FVM-1000 LVL1-FVM-1000 Datasheet
1Mb / 3P
RJ45 to SFP Managed Fast Ethernet Media Converter
FVM-1101 LVL1-FVM-1101 Datasheet
391Kb / 3P
RJ45 to SC Managed Fast Ethernet Media Converter, Multi-Mode Fiber
FVM-1220 LVL1-FVM-1220 Datasheet
1Mb / 3P
RJ45 to SC Managed Fast Ethernet Media Converter, Single-Mode Fiber, 20km
logo
Pepperl+Fuchs Inc.
FVM58 PF-FVM58 Datasheet
314Kb / 6P
Multiturn absolute encoder
logo
ASM GmbH
FVM70 ASM-SENSOR-FVM70 Datasheet
256Kb / 9P
Messumformer mit Frequenz-Eingang
More results


Similar Description - FVM25AXT

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ASFV ABRACON-ASFV Datasheet
156Kb / 2P
5.0V HCMOS COMPATIBLE SMD VCXO
07.11.07
logo
Crystek Corporation
CVHD-956 CRYSTEKCRYSTAL-CVHD-956 Datasheet
124Kb / 2P
HCMOS/TTL VCXO with Enable/Disable 9X14 mm SMD, 3.3V, HCMOS/TTL
logo
Fox Electronics
FVXO-HC73 FOX-FVXO-HC73 Datasheet
365Kb / 15P
HCMOS 7 x 5mm 3.3V VCXO
FVXO-HC53 FOX-FVXO-HC53 Datasheet
365Kb / 15P
HCMOS 5 x 3.2mm 3.3V VCXO
F4200 FOX-F4200 Datasheet
87Kb / 1P
3.3V HCMOS CERAMIC SMD OSCILLATOR WITH STANDBY
VCXO-DLF FOX-VCXO-DLF Datasheet
144Kb / 1P
3.3V, HCMOS, Thru-Hole VCXO
logo
EUROQUARTZ limited
EQVP-HC53 EUROQUARTZ-EQVP-HC53 Datasheet
168Kb / 1P
HCMOS 5x3.2mm 3.3V VCXO
EQVP-HC73 EUROQUARTZ-EQVP-HC73 Datasheet
167Kb / 1P
HCMOS 7x5mm 3.3V VCXO
logo
Fox Electronics
Y5C FOX-Y5C Datasheet
220Kb / 3P
HCMOS 5x3.2mm SMD VCXO
Y3H FOX-Y3H Datasheet
239Kb / 3P
HCMOS 3.2x2.5mm SMD VCXO
More results




About Fox Electronics


Fox Electronics is a company that specializes in the design and manufacturing of frequency control products, including crystal oscillators, temperature-compensated crystal oscillators (TCXOs), voltage-controlled crystal oscillators (VCXOs), and frequency control modules. They provide solutions for a variety of industries including telecommunications, industrial, military, aerospace, and consumer electronics.

Founded in 1979, Fox Electronics has become a leading supplier of frequency control products, with a strong reputation for quality and reliability. They offer a wide range of standard products, as well as customized solutions to meet specific customer requirements.

In addition to their frequency control products, Fox Electronics also provides technical support, testing, and certification services to ensure that their products meet industry standards and customer specifications.

Overall, Fox Electronics is a trusted and reputable supplier of frequency control products, with a long history of innovation, quality, and customer service.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com