Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FOX922GP Datasheet (PDF) - Fox Electronics

FOX922GP Datasheet PDF - Fox Electronics
Part # FOX922GP
Download  FOX922GP Download
File Size   482.27 Kbytes
Page   2 Pages
Manufacturer  FOX [Fox Electronics]
Direct Link  http://www.foxonline.com
Logo FOX - Fox Electronics
Description 1.8V ~ 3.3V SMD TCXO for GPS Applications

FOX922GP Datasheet (PDF)

Go To PDF Page Download Datasheet
FOX922GP Datasheet PDF - Fox Electronics

Part # FOX922GP
Download  FOX922GP Click to download

File Size   482.27 Kbytes
Page   2 Pages
Manufacturer  FOX [Fox Electronics]
Direct Link  http://www.foxonline.com
Logo FOX - Fox Electronics
Description 1.8V ~ 3.3V SMD TCXO for GPS Applications

FOX922GP Datasheet (HTML) - Fox Electronics




Similar Part No. - FOX922GP

ManufacturerPart #DatasheetDescription
logo
Fox Electronics
FOX922G FOX-FOX922G Datasheet
230Kb / 2P
2.5V ~ 3.3V SMD TCXO/VCTCXO
FOX922G FOX-FOX922G Datasheet
141Kb / 2P
2.5V ~ 3.3V SMD TCXO/VCTCXO
FOX922GE FOX-FOX922GE Datasheet
230Kb / 2P
2.5V ~ 3.3V SMD TCXO/VCTCXO
FOX922GE FOX-FOX922GE Datasheet
141Kb / 2P
2.5V ~ 3.3V SMD TCXO/VCTCXO
More results


Similar Description - FOX922GP

ManufacturerPart #DatasheetDescription
logo
Fox Electronics
FOX923 FOX-FOX923_09 Datasheet
165Kb / 1P
1.8V~3.3V, Clipped SINE, SMD TCXO/VCTCXO
FOX923-GP FOX-FOX923-GP Datasheet
173Kb / 1P
SMD TCXO/VCTCXO for GPS Applications
logo
QUARTZCOM the communica...
TX7-302C QUARTZCOM-TX7-302C Datasheet
232Kb / 1P
SMD TCXO CMOS Applications: mobile communications, GPS
VT7-302C QUARTZCOM-VT7-302C Datasheet
101Kb / 1P
SMD VC-TCXO CMOS Applications: mobile communications, GPS
logo
Fox Electronics
FOX922GE FOX-FOX922GE Datasheet
230Kb / 2P
2.5V ~ 3.3V SMD TCXO/VCTCXO
logo
Golledge Electronics Lt...
GTXO-91 GOLLEDGE-GTXO-91 Datasheet
171Kb / 2P
1.8V - 3.3V SM TCXO Clipped Sine
GTXO-93 GOLLEDGE-GTXO-93 Datasheet
173Kb / 2P
1.8V - 3.6V SM TCXO for GPS
logo
Fox Electronics
840C-12-1 FOX-840C-12-1 Datasheet
141Kb / 2P
2.5V ~ 3.3V SMD TCXO/VCTCXO
logo
Golledge Electronics Lt...
GTXO-93T GOLLEDGE-GTXO-93T Datasheet
593Kb / 5P
1.8V ~ 3.6V SM TCXO for GPS
GTXO-253T GOLLEDGE-GTXO-253T Datasheet
582Kb / 5P
1.8V ~ 3.6V Ultra-tight Stability TCXO for GPS
More results




About Fox Electronics


Fox Electronics is a company that specializes in the design and manufacturing of frequency control products, including crystal oscillators, temperature-compensated crystal oscillators (TCXOs), voltage-controlled crystal oscillators (VCXOs), and frequency control modules. They provide solutions for a variety of industries including telecommunications, industrial, military, aerospace, and consumer electronics.

Founded in 1979, Fox Electronics has become a leading supplier of frequency control products, with a strong reputation for quality and reliability. They offer a wide range of standard products, as well as customized solutions to meet specific customer requirements.

In addition to their frequency control products, Fox Electronics also provides technical support, testing, and certification services to ensure that their products meet industry standards and customer specifications.

Overall, Fox Electronics is a trusted and reputable supplier of frequency control products, with a long history of innovation, quality, and customer service.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com