Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XBS303V17-12 Datasheet (PDF) - Torex Semiconductor

XBS303V17-12 Datasheet PDF - Torex Semiconductor
Part # XBS303V17-12
Download  XBS303V17-12 Download
File Size   103.23 Kbytes
Page   3 Pages
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor
Description Schottky Barrier Diode, 3A, 30V Type

XBS303V17-12 Datasheet (PDF)

Go To PDF Page Download Datasheet
XBS303V17-12 Datasheet PDF - Torex Semiconductor

Part # XBS303V17-12
Download  XBS303V17-12 Click to download

File Size   103.23 Kbytes
Page   3 Pages
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor
Description Schottky Barrier Diode, 3A, 30V Type

XBS303V17-12 Datasheet (HTML) - Torex Semiconductor


XBS303V17-12 Product details

■ FEATURES
   Forward Voltage : VF=0.355V (TYP.)
   Forward Current : IF(AVE)=3A
   Repetitive Peak Reverse Voltage : VRM=30V

■ APPLICATIONS
● Rectification
● Protection against reverse connection of battery




Similar Part No. - XBS303V17-12

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XBS303V17 TOREX-XBS303V17 Datasheet
80Kb / 3P
Schottky Barrier Diode, 3A, 30V Type
XBS303V17R TOREX-XBS303V17R Datasheet
103Kb / 3P
Schottky Barrier Diode, 3A, 30V Type
XBS303V17R-G TOREX-XBS303V17R-G Datasheet
103Kb / 3P
Schottky Barrier Diode, 3A, 30V Type
XBS303V17 TOREX-XBS303V17_12 Datasheet
103Kb / 3P
Schottky Barrier Diode, 3A, 30V Type
More results


Similar Description - XBS303V17-12

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XBS303V17 TOREX-XBS303V17 Datasheet
80Kb / 3P
Schottky Barrier Diode, 3A, 30V Type
logo
KODENSHI_AUK CORP.
SDB330 KODENSHI-SDB330 Datasheet
258Kb / 5P
30V, 3A SCHOTTKY BARRIER RECTIFIER
SDB330B KODENSHI-SDB330B Datasheet
270Kb / 5P
30V, 3A SCHOTTKY BARRIER RECTIFIER
logo
Torex Semiconductor
XBS303V17 TOREX-XBS303V17_12 Datasheet
103Kb / 3P
Schottky Barrier Diode, 3A, 30V Type
XBS303V19R TOREX-XBS303V19R_12 Datasheet
110Kb / 4P
Schottky Barrier Diode, 3A, 30V Type
XBS306S17 TOREX-XBS306S17_12 Datasheet
105Kb / 3P
Schottky Barrier Diode, 3A, 60V Type
logo
KODENSHI_AUK CORP.
SDB330-1 KODENSHI-SDB330-1 Datasheet
258Kb / 5P
30V, 3A SCHOTTKY BARRIER RECTIFIER
SDB330B-1 KODENSHI-SDB330B-1 Datasheet
270Kb / 5P
30V, 3A SCHOTTKY BARRIER RECTIFIER
logo
Torex Semiconductor
XBS303V19R-12 TOREX-XBS303V19R-12 Datasheet
110Kb / 4P
Schottky Barrier Diode, 3A, 30V Type
XBS304F11R-G TOREX-XBS304F11R-G Datasheet
223Kb / 5P
Schottky Barrier Diode, 3A, 40V Type
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com