Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S3M-TP Datasheet (PDF) - Micro Commercial Components

S3M-TP Datasheet PDF - Micro Commercial Components
Part # S3M-TP
Download  S3M-TP Download
File Size   530.64 Kbytes
Page   4 Pages
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components
Description 3 Amp Silicon Rectifier 50 to 1000 Volts

S3M-TP Datasheet (PDF)

Go To PDF Page Download Datasheet
S3M-TP Datasheet PDF - Micro Commercial Components

Part # S3M-TP
Download  S3M-TP Click to download

File Size   530.64 Kbytes
Page   4 Pages
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components
Description 3 Amp Silicon Rectifier 50 to 1000 Volts

S3M-TP Datasheet (HTML) - Micro Commercial Components


S3M-TP Product details

Features
• Lead Free Finish/Rohs Compliant (Note1) ("P"Suffix designates
   Compliant. See ordering information)
• For Surface Mount Applications
• Low Thermal Resistance
• High Current Capability
• High Temp Soldering: 260°C for 10 Seconds At Terminals
• Epoxy meets UL 94 V-0 flammability rating
• Moisture Sensitivity Level 1
• Halogen free available upon request by adding suffix "-HF"




Similar Part No. - S3M-TP

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
S3M-T TSC-S3M-T Datasheet
304Kb / 5P
3A, 50V - 1000V Surface Mount Rectifier
logo
Won-Top Electronics
S3M-T1 WTE-S3M-T1 Datasheet
38Kb / 3P
3.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
S3M-T3 WTE-S3M-T3 Datasheet
38Kb / 3P
3.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
S3M-T3 WTE-S3M-T3 Datasheet
44Kb / 4P
3.0A SURFACE MOUNT GLASS PASSIVATED STANDARD DIODE
S3M-T3 WTE-S3M-T3 Datasheet
51Kb / 4P
3.0A SURFACE MOUNT GLASS PASSIVATED STANDARD DIODE
September, 2019
More results


Similar Description - S3M-TP

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
S3A MCC-S3A Datasheet
97Kb / 3P
3 Amp Silicon Rectifier 50 to 1000 Volts
FR3AB MCC-FR3AB Datasheet
86Kb / 4P
3 Amp Fast Recovery Silicon Rectifier 50 to 1000 Volts
FR3AB MCC-FR3AB_11 Datasheet
251Kb / 4P
3 Amp Fast Recovery Silicon Rectifier 50 to 1000 Volts
S3A MCC-S3A_11 Datasheet
504Kb / 4P
3 Amp Silicon Rectifier 50 to 1000 Volts
FR3A MCC-FR3A_13 Datasheet
775Kb / 4P
3 Amp Fast Recovery Silicon Rectifier 50 to 1000 Volts
FR3AB MCC-FR3AB_13 Datasheet
282Kb / 4P
3 Amp Fast Recovery Silicon Rectifier 50 to 1000 Volts
S3B-TP MCC-S3B-TP Datasheet
530Kb / 4P
3 Amp Silicon Rectifier 50 to 1000 Volts
FR3AB MCC-FR3AB_17 Datasheet
217Kb / 4P
3 Amp Fast Recovery Silicon Rectifier 50 to 1000 Volts
S3A MCC-S3A_15 Datasheet
630Kb / 4P
3 Amp Silicon Rectifier 50 to 1000 Volts
logo
Shanghai Leiditech Elec...
FR3A LEIDITECH-FR3A Datasheet
816Kb / 3P
3 Amp Fast Recovery Silicon Rectifier 50 to 1000 Volts
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com