Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSL-LX3054SRC Datasheet (PDF) - LUMEX INC.

SSL-LX3054SRC Datasheet PDF - LUMEX INC.
Part # SSL-LX3054SRC
Download  SSL-LX3054SRC Download
File Size   53.74 Kbytes
Page   2 Pages
Manufacturer  LUMEX [LUMEX INC.]
Direct Link  http://www.lumex.com
Logo LUMEX - LUMEX INC.
Description T-3mm (T-1) 660nm SUPER RED LED, WATER CLEAR LENS.

SSL-LX3054SRC Datasheet (PDF)

Go To PDF Page Download Datasheet
SSL-LX3054SRC Datasheet PDF - LUMEX INC.

Part # SSL-LX3054SRC
Download  SSL-LX3054SRC Click to download

File Size   53.74 Kbytes
Page   2 Pages
Manufacturer  LUMEX [LUMEX INC.]
Direct Link  http://www.lumex.com
Logo LUMEX - LUMEX INC.
Description T-3mm (T-1) 660nm SUPER RED LED, WATER CLEAR LENS.

SSL-LX3054SRC Datasheet (HTML) - LUMEX INC.




Similar Part No. - SSL-LX3054SRC

ManufacturerPart #DatasheetDescription
logo
LUMEX INC.
SSL-LX3054SRC-C LUMEX-SSL-LX3054SRC-C Datasheet
83Kb / 1P
T-3mm 660mm SUPER RED LED
SSL-LX3054SRC-D LUMEX-SSL-LX3054SRC-D Datasheet
62Kb / 1P
T-3mm 660mm SUPER RED LED
More results


Similar Description - SSL-LX3054SRC

ManufacturerPart #DatasheetDescription
logo
QT Optoelectronics
MV7042 QT-MV7042 Datasheet
182Kb / 2P
SUPER BRIGHT T-1 (3mm) LED LAMP - WATER CLEAR
logo
List of Unclassifed Man...
SSL-LX3044GC ETC1-SSL-LX3044GC Datasheet
54Kb / 1P
T-3mm (T-1) 565nm GREEN LED, WATER CLEAR LENS.
logo
LUMEX INC.
SSL-LX100133XRC-3 LUMEX-SSL-LX100133XRC-3 Datasheet
395Kb / 1P
T-10mm LED, SUPER BRIGHT RED, WATER CLEAR LENS
SSL-LX5093SRC39240 LUMEX-SSL-LX5093SRC39240 Datasheet
419Kb / 1P
5.6W*8.6H, QUASARBRITE T-5mm (T-1 3/4) 660nm SUPER RED LED, WATER CLEAR LENS.
SSL-LX5093SRC-E LUMEX-SSL-LX5093SRC-E Datasheet
254Kb / 1P
5.6W*8.6H, QUASARBRITE T-5mm (T-1 3/4) 660nm SUPER RED LED, WATER CLEAR LENS.
SSL-LX5093SRC-E-TB LUMEX-SSL-LX5093SRC-E-TB Datasheet
274Kb / 1P
5.6W*8.6H, QUASARBRITE T-5mm (T-1 3/4) 660nm SUPER RED LED, WATER CLEAR LENS.
SSL-LX5093SRC-F LUMEX-SSL-LX5093SRC-F Datasheet
419Kb / 1P
5.9W*8.6H, QUASARBRITE T-5mm (T-1 3/4) 660nm SUPER RED LED, WATER CLEAR LENS.
SSL-LX5093SRC-X LUMEX-SSL-LX5093SRC-X Datasheet
421Kb / 1P
5.6W*8.6H, QUASARBRITE T-5mm (T-1 3/4) 660nm SUPER RED LED, WATER CLEAR LENS.
SSL-LX100133SRC LUMEX-SSL-LX100133SRC Datasheet
386Kb / 1P
T-3 1/8mm LED, SUPER BRIGHT RED, WATER CLEAR LENS
SSL-LX100133XRC LUMEX-SSL-LX100133XRC Datasheet
114Kb / 1P
T-10mm LED, SUPER BRIGHT RED, WATER CLEAR LENS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com