Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DF005M Datasheet (PDF) - Fuji Electric

DF005M Datasheet PDF - Fuji Electric
Part # DF005M
Download  DF005M Download
File Size   660.29 Kbytes
Page   1 Pages
Manufacturer  FUJI [Fuji Electric]
Direct Link  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric
Description 1 AMP GLASS PASSIVATED SILICON BRIDGE RECTIFIER

DF005M Datasheet (PDF)

Go To PDF Page Download Datasheet
DF005M Datasheet PDF - Fuji Electric

Part # DF005M
Download  DF005M Click to download

File Size   660.29 Kbytes
Page   1 Pages
Manufacturer  FUJI [Fuji Electric]
Direct Link  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric
Description 1 AMP GLASS PASSIVATED SILICON BRIDGE RECTIFIER

DF005M Datasheet (HTML) - Fuji Electric


DF005M Product details

REVERSE VOLTAGE - 50 to 1000 Volts

FORWARD CURRENT - 1.0 Amperes



Features

• Rating to 1000V PRV

• Surge overload rating to 45 Amperes peak

• Ideal for printed circuit board

• Reliable low cost construction utilizing molded plastic technique results in inexpensive product

• UL recognized : File #E106441

• UL recognized  94V-O plastic material




Similar Part No. - DF005M

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
DF005M FAIRCHILD-DF005M Datasheet
33Kb / 2P
1.5 Ampere Bridge Rectifiers
logo
Diodes Incorporated
DF005M DIODES-DF005M Datasheet
61Kb / 2P
1.0A GLASS PASSIVATED BRIDGE RECTIFIERS
DS21201 Rev. H-2
logo
General Semiconductor
DF005M GE-DF005M Datasheet
93Kb / 2P
MINIATURE GLASS PASSIVATED SINGLE-PHASE-BRIDGE RECTIFIER
logo
Comchip Technology
DF005M COMCHIP-DF005M Datasheet
41Kb / 2P
Single-Phase Bridge Rectifiers
logo
International Rectifier
DF005M IRF-DF005M Datasheet
67Kb / 4P
1A Single Phase D.I.L. Rectifier Bridge (1.0A, from 50 to 1000V)
More results


Similar Description - DF005M

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
2KBP005G FUJI-2KBP005G Datasheet
762Kb / 1P
2 AMP GLASS PASSIVATED SILICON BRIDGE RECTIFIER
2KBPOO5G FUJI-2KBPOO5G Datasheet
53Kb / 1P
2 AMP GLASS PASSIVATED SILICON BRIDGE RECTIFIER
DF005S FUJI-DF005S Datasheet
920Kb / 1P
1 AMP SURFACE MOUNT GLASS PASSIVATED SILICON BRIDGE
KBJ4005G FUJI-KBJ4005G Datasheet
751Kb / 1P
4 AMP GLASS PASSIVATED SILICON BRIDGE RECTIFIER
KBP005G FUJI-KBP005G Datasheet
514Kb / 1P
1.5 AMP GLASS PASSIVATED SILICON BRIDGE RECTIFIER
logo
List of Unclassifed Man...
B40C1500R ETC1-B40C1500R Datasheet
20Kb / 2P
1.5 Amp. Glass Passivated Bridge Rectifier
FBI8A5M1 ETC1-FBI8A5M1 Datasheet
35Kb / 2P
8 Amp. Glass Passivated Bridge Rectifier
FBI6A5M1 ETC1-FBI6A5M1 Datasheet
35Kb / 2P
6 Amp. Glass Passivated Bridge Rectifier
FBI6A1M1 ETC-FBI6A1M1 Datasheet
37Kb / 2P
6 Amp. Glass Passivated Bridge Rectifier
TL400G ETC2-TL400G Datasheet
127Kb / 4P
4 AMP Glass Passivated Bridge Rectifier
More results




About Fuji Electric


Fuji Electric is a Japanese company that specializes in the manufacture of electrical and electronic equipment.
The company was founded in 1923 and is headquartered in Tokyo, Japan.
Fuji Electric offers a wide range of products including power electronics equipment, industrial automation equipment, and more.
The company is known for its expertise in power electronics and energy management, as well as its innovative technologies in the fields of electric vehicles, renewable energy, and smart grid solutions.
Fuji Electric has operations and facilities in various countries across the world and works closely with its customers to provide customized solutions that meet their specific requirements and needs.
In addition to its industrial and commercial products, Fuji Electric also provides a range of products and solutions for consumer and residential applications, such as air-conditioning systems, home appliances, and home security systems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com