Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ERC25 Datasheet (PDF) - Fuji Electric

ERC25 Datasheet PDF - Fuji Electric
Part # ERC25
Download  ERC25 Download
File Size   45.86 Kbytes
Page   2 Pages
Manufacturer  FUJI [Fuji Electric]
Direct Link  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric
Description FAST RECOVERY DIODE( 400 to 600V / 1.2A )

ERC25 Datasheet (PDF)

Go To PDF Page Download Datasheet
ERC25 Datasheet PDF - Fuji Electric

Part # ERC25
Download  ERC25 Click to download

File Size   45.86 Kbytes
Page   2 Pages
Manufacturer  FUJI [Fuji Electric]
Direct Link  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric
Description FAST RECOVERY DIODE( 400 to 600V / 1.2A )

ERC25 Datasheet (HTML) - Fuji Electric


ERC25 Product details

Features
● High voltage by mesa design
● High reliability

Applications
● High speed switching




Similar Part No. - ERC25

ManufacturerPart #DatasheetDescription
logo
Galaxy Semi-Conductor H...
ERC25-04 BILIN-ERC25-04 Datasheet
53Kb / 2P
FAST RECOVERY RECTIFIER
logo
Diode Semiconductor Kor...
ERC25-04 DSK-ERC25-04 Datasheet
252Kb / 2P
FAST RECOVERY RECTIFIER
logo
Shenzhen Luguang Electr...
ERC25-04 LUGUANG-ERC25-04 Datasheet
1Mb / 2P
F ast Recovery Rectifiers
logo
EIC discrete Semiconduc...
ERC25-04 EIC-ERC25-04 Datasheet
80Kb / 2P
FAST RECOVERY RECTIFIER DIODES
Rev. 02 : March 25, 2005
logo
Galaxy Semi-Conductor H...
ERC25-06 BILIN-ERC25-06 Datasheet
53Kb / 2P
FAST RECOVERY RECTIFIER
More results


Similar Description - ERC25

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
ERC38 FUJI-ERC38 Datasheet
44Kb / 2P
FAST RECOVERY DIODE( 400 to 600V / 1A )
ERD29 FUJI-ERD29 Datasheet
49Kb / 2P
FAST RECOVERY DIODE( 200 to 600V / 2.5A )
ERD38 FUJI-ERD38 Datasheet
53Kb / 2P
FAST RECOVERY DIODE( 400 to 600V / 1.5A )
logo
Renesas Technology Corp
RJU60C3WDPP-M0 RENESAS-RJU60C3WDPP-M0 Datasheet
65Kb / 4P
600V - 60A - Dual Diode Fast Recovery Diode
RJU60C6WDPK-M0 RENESAS-RJU60C6WDPK-M0 Datasheet
65Kb / 4P
600V - 50A - Dual Diode Super Fast Recovery Diode
RJU60C3SDPD RENESAS-RJU60C3SDPD_15 Datasheet
67Kb / 4P
600V - 30A - Single Diode Fast Recovery Diode
RJU60C3TDPP-EJ RENESAS-RJU60C3TDPP-EJ_15 Datasheet
70Kb / 4P
600V - 30A - Single Diode Fast Recovery Diode
RJU60C3WDPP-M0 RENESAS-RJU60C3WDPP-M0_15 Datasheet
65Kb / 4P
600V - 60A - Dual Diode Fast Recovery Diode
RJU60C6TDPP-AJ RENESAS-RJU60C6TDPP-AJ Datasheet
109Kb / 5P
600V - 50A - Single Diode Fast Recovery Diode
Sep.07.2020
RJU65F23DWA RENESAS-RJU65F23DWA Datasheet
88Kb / 5P
600V - 50A - Single Diode Fast Recovery Diode
Sep.07.2020
More results




About Fuji Electric


Fuji Electric is a Japanese company that specializes in the manufacture of electrical and electronic equipment.
The company was founded in 1923 and is headquartered in Tokyo, Japan.
Fuji Electric offers a wide range of products including power electronics equipment, industrial automation equipment, and more.
The company is known for its expertise in power electronics and energy management, as well as its innovative technologies in the fields of electric vehicles, renewable energy, and smart grid solutions.
Fuji Electric has operations and facilities in various countries across the world and works closely with its customers to provide customized solutions that meet their specific requirements and needs.
In addition to its industrial and commercial products, Fuji Electric also provides a range of products and solutions for consumer and residential applications, such as air-conditioning systems, home appliances, and home security systems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com