Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF1402D Datasheet (PDF) - Murata Manufacturing Co., Ltd.

RF1402D Datasheet PDF - Murata Manufacturing Co., Ltd.
Part # RF1402D
Download  RF1402D Download
File Size   191.4 Kbytes
Page   3 Pages
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.
Description 315.0 MHz SAW Filter

RF1402D Datasheet (PDF)

Go To PDF Page Download Datasheet
RF1402D Datasheet PDF - Murata Manufacturing Co., Ltd.

Part # RF1402D
Download  RF1402D Click to download

File Size   191.4 Kbytes
Page   3 Pages
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.
Description 315.0 MHz SAW Filter

RF1402D Datasheet (HTML) - Murata Manufacturing Co., Ltd.


RF1402D Product details

315.0 MHz SAW Filter

• Designed for 315.00 MHz Applications
• Advanced Lithium Tantalate Design for Low Insertion Loss
• Designed for Match to 50Ω, No External LC Required
• Hermetically Sealed Surface Mount Package
• Complies with Directive 2002/95/EC (RoHS)




Similar Part No. - RF1402D

ManufacturerPart #DatasheetDescription
logo
RF Monolithics, Inc
RF1402D RFM-RF1402D Datasheet
55Kb / 2P
315.0 MHz SAW Filter
More results


Similar Description - RF1402D

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RF1211D ETC1-RF1211D Datasheet
104Kb / 3P
315.0 MHz SAW Filter
RF1415D ETC1-RF1415D Datasheet
109Kb / 3P
315.0 MHz SAW Filter
logo
RF Monolithics, Inc
RF1211 RFM-RF1211 Datasheet
167Kb / 2P
315.0 MHz SAW Filter
RF1402D RFM-RF1402D Datasheet
55Kb / 2P
315.0 MHz SAW Filter
RF1417D RFM-RF1417D Datasheet
67Kb / 2P
315.0 MHz SAW Filter
RO2073 RFM-RO2073 Datasheet
146Kb / 2P
315.0 MHz SAW Filter
RF3417 RFM-RF3417 Datasheet
209Kb / 2P
315.0 MHz SAW Filter
logo
Murata Manufacturing Co...
RF1211 MURATA-RF1211 Datasheet
210Kb / 2P
315.0 MHz SAW Filter
RF1211D MURATA-RF1211D Datasheet
72Kb / 2P
315.0 MHz SAW Filter
RF1417D MURATA-RF1417D Datasheet
98Kb / 5P
315.0 MHz SAW Filter
More results




About Murata Manufacturing Co., Ltd.


Murata Manufacturing Co., Ltd. is a Japanese multinational electronics company headquartered in Nagaokakyo, Kyoto, Japan.
The company was founded in 1944 and has since become a leading manufacturer of electronic components, including ceramic capacitors, wireless communication modules, and sensors.
Murata also offers a wide range of other products and solutions such as battery management systems, power supplies, and energy harvesting systems.
The company operates globally and has a strong reputation for quality and innovation in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com