Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SK32-7 Datasheet (PDF) - Diodes Incorporated

SK32-7 Datasheet PDF - Diodes Incorporated
Part # SK32-7
Download  SK32-7 Download
File Size   65.78 Kbytes
Page   3 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER

SK32-7 Datasheet (PDF)

Go To PDF Page Download Datasheet
SK32-7 Datasheet PDF - Diodes Incorporated

Part # SK32-7
Download  SK32-7 Click to download

File Size   65.78 Kbytes
Page   3 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER

SK32-7 Datasheet (HTML) - Diodes Incorporated


SK32-7 Product details

Features
• Guard Ring Construction for Transient Protection
• High Current Capability and Low VF
• Capable of Meeting Environmental Standards of MIL-STD-19500
• Plastic Material - UL Flammability Classification 94V-0

Mechanical Data
• Case: SMC, Molded Plastic
• Moisture sensitivity: Level 1 per J-STD-020A
• Terminals: Solderable per MIL-STD-202,
   Method 208
• Also Available in Lead Free Plating (Matte Tin
   Finish). Please see Ordering Information,
   Note 5, on Page 3
• Polarity: Cathode Band
• Approx. Weight: 0.21 grams




Similar Part No. - SK32-7

ManufacturerPart #DatasheetDescription
logo
Eravant
SK32-05250322048-2F2F-A2 ERAVANT-SK32-05250322048-2F2F-A2 Datasheet
441Kb / 3P
SP32T PIN Switch with TTL Driver, Absorptive, 0.5 to 50 GHz, 5-Bit Control
Rev 1.0
logo
Pan Jit International I...
SK32-AU PANJIT-SK32-AU Datasheet
181Kb / 5P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
SK32-AU PANJIT-SK32-AU_16 Datasheet
266Kb / 5P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
SK32-AU_R1_000A1 PANJIT-SK32-AU_R1_000A1 Datasheet
181Kb / 5P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
SK32-AU_R1_000A1 PANJIT-SK32-AU_R1_000A1 Datasheet
266Kb / 5P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
More results


Similar Description - SK32-7

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
SS22 GE-SS22 Datasheet
85Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
GOOD-ARK Electronics
SK22 GOOD-ARK-SK22 Datasheet
182Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Comchip Technology
CDBV120 COMCHIP-CDBV120 Datasheet
217Kb / 2P
Surface Mount Schottky Barrier Rectifier
logo
SeCoS Halbleitertechnol...
SCS402D SECOS-SCS402D Datasheet
324Kb / 2P
Surface Mount Schottky Barrier Rectifier
logo
Shenzhen Taychipst Elec...
S510B TAYCHIPST-S510B Datasheet
8Mb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
SR502 TAYCHIPST-SR502 Datasheet
9Mb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Pan Jit International I...
MB18F PANJIT-MB18F Datasheet
237Kb / 5P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Zowie Technology Corpor...
SC32 ZOWIE-SC32 Datasheet
135Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Rectron Semiconductor
2SS20L RECTRON-2SS20L_09 Datasheet
370Kb / 6P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Microdiode Semiconducto...
SK102 CHENDA-SK102 Datasheet
155Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com