Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

K1500GRP Datasheet (PDF) - Littelfuse

K1500GRP Datasheet PDF - Littelfuse
Part # K1500GRP
Download  K1500GRP Download
File Size   306.92 Kbytes
Page   8 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description Packing Options

K1500GRP Datasheet (PDF)

Go To PDF Page Download Datasheet
K1500GRP Datasheet PDF - Littelfuse

Part # K1500GRP
Download  K1500GRP Click to download

File Size   306.92 Kbytes
Page   8 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description Packing Options

K1500GRP Datasheet (HTML) - Littelfuse


K1500GRP Product details

Description
The SIDAC is a silicon bilateral voltage triggered switch. Upon application of a voltage exceeding the SIDAC breakover voltage point, the SIDAC switches on through a negative resistance region to a low on-state voltage. Conduction continues until the current is interrupted or drops below the minimum holding current of the device. SIDACs feature glass-passivated junctions to ensure a rugged and dependable device capable of withstanding harsh environments.

Features
• AC Circuit Oriented
• Triggering Voltage of 79V to 330V
• RoHS Compliant

Applications
Suitable for high voltage power supplies, natural gas igniters, high-pressure Sodium lamps, and Xenon flash ignition.




Similar Part No. - K1500GRP

ManufacturerPart #DatasheetDescription
logo
Teccor Electronics
K1500G TECCOR-K1500G Datasheet
269Kb / 6P
silicon bilateral voltage triggered switch
K1500G TECCOR-K1500G Datasheet
2Mb / 224P
Thyristor Product Catalog
logo
Galaxy Semi-Conductor H...
K1500G BILIN-K1500G Datasheet
322Kb / 5P
SIDAC
logo
UN Semiconducctor INC
K1500G UNSEMI-K1500G Datasheet
3Mb / 5P
Sidac
Revision March 1,2022
logo
JIEJIE MICROELECTRONICS...
K1500G JIEJIE-K1500G Datasheet
152Kb / 5P
Sidac
Rev.3
More results


Similar Description - K1500GRP

ManufacturerPart #DatasheetDescription
logo
HOKURIKU ELECTRIC INDUS...
E011419 HOKURIKU-E011419 Datasheet
194Kb / 1P
Packing Specification
logo
Murata Manufacturing Co...
DE1E3KX472MA5BA01 MURATA-DE1E3KX472MA5BA01 Datasheet
46Kb / 1P
Packing in bulk
logo
Amphenol Corporation
G09-11XX-30XX-LF AMPHENOL-G09-11XX-30XX-LF Datasheet
471Kb / 2P
packing per amta packing specification pks-0001
G09-12X2-30XX-LF AMPHENOL-G09-12X2-30XX-LF Datasheet
427Kb / 4P
packing per amta packing specification pks-0001
G09-1208300F-LF AMPHENOL-G09-1208300F-LF Datasheet
300Kb / 3P
packing per amta packing specification pks-0001
G88MPBXX0X2XXEU AMPHENOL-G88MPBXX0X2XXEU Datasheet
2Mb / 5P
packing per amta packing specification pks-0001
G881HXX21C3HR AMPHENOL-G881HXX21C3HR Datasheet
973Kb / 3P
packing per amta packing specification pks-0001
GSB411BXYZHR AMPHENOL-GSB411BXYZHR Datasheet
759Kb / 2P
packing per amta packing specification pks-0001
GSB4121XYZCHR AMPHENOL-GSB4121XYZCHR Datasheet
991Kb / 2P
packing per amta packing specification pks-0001
GSB4164X5XHR AMPHENOL-GSB4164X5XHR Datasheet
1Mb / 3P
packing per amta packing specification pks-0001
More results




About Littelfuse


Littelfuse is an American company that specializes in the design and manufacture of circuit protection and control products.
The company was founded in 1927 and is headquartered in Chicago, Illinois.
Littelfuse provides a wide range of products including fuses, protection and control devices, and polymeric products.
The company's products are used in various applications such as automotive, industrial, and consumer electronics.
Littelfuse is known for its expertise in circuit protection and control technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized solutions that meet their specific requirements and needs.
In addition to its core business, Littelfuse also provides solutions for the renewable energy and data center markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com