Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HO4050B-1 Datasheet (PDF) - Murata Manufacturing Co., Ltd.

HO4050B-1 Datasheet PDF - Murata Manufacturing Co., Ltd.
Part # HO4050B-1
Download  HO4050B-1 Download
File Size   86.03 Kbytes
Page   2 Pages
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.
Description 622.08 MHz differential SAW Oscillator

HO4050B-1 Datasheet (PDF)

Go To PDF Page Download Datasheet
HO4050B-1 Datasheet PDF - Murata Manufacturing Co., Ltd.

Part # HO4050B-1
Download  HO4050B-1 Click to download

File Size   86.03 Kbytes
Page   2 Pages
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.
Description 622.08 MHz differential SAW Oscillator

HO4050B-1 Datasheet (HTML) - Murata Manufacturing Co., Ltd.




Similar Part No. - HO4050B-1

ManufacturerPart #DatasheetDescription
logo
LEM
HO40-NP LEM-HO40-NP Datasheet
929Kb / 12P
Current Transducer
logo
RF Monolithics, Inc
HO4001-1 RFM-HO4001-1 Datasheet
79Kb / 2P
1000.0 MHz SAW Oscillator
HO4002-1 RFM-HO4002-1 Datasheet
49Kb / 2P
400.0 MHz SAW Oscillator
logo
Murata Manufacturing Co...
HO4002-1 MURATA-HO4002-1 Datasheet
70Kb / 2P
400.0 MHz SAW Oscillator
logo
RF Monolithics, Inc
HO4006 RFM-HO4006 Datasheet
83Kb / 2P
640.0 MHz Voltage Controlled SAW Oscillator
More results


Similar Description - HO4050B-1

ManufacturerPart #DatasheetDescription
logo
Vanlong Technology Co.,...
SF5701 VANLONG-SF5701 Datasheet
89Kb / 2P
622.08 MHz SAW Filter
SR622 VANLONG-SR622 Datasheet
90Kb / 2P
622.08 MHz One-Port SAW Resonator
logo
TAI-SAW TECHNOLOGY CO.,...
TC0325A TAI-SAW-TC0325A Datasheet
268Kb / 6P
SAW Resonator 622.08 MHz SMD 3X3 mm
TX0141A TAI-SAW-TX0141A Datasheet
190Kb / 4P
7.0x5.0 PECL VCXO 622.08 MHz
logo
ON Semiconductor
NBXSBA024 ONSEMI-NBXSBA024 Datasheet
127Kb / 6P
2.5 V / 3.3 V, 622.08 MHz LVPECL Clock Oscillator
October, 2009 ??Rev. 3
NBXSBA024 ONSEMI-NBXSBA024_11 Datasheet
118Kb / 6P
2.5 V / 3.3 V, 622.08 MHz LVPECL Clock Oscillator LVPECL Differential Output
April, 2011 ??Rev. 4
logo
Texas Instruments
TNETA1622 TI1-TNETA1622 Datasheet
89Kb / 5P
622.08-MHz CLOCK-RECOVERY DEVICE
logo
Murata Manufacturing Co...
OP4005B1 MURATA-OP4005B1 Datasheet
74Kb / 2P
622.08 MHz Optical Timing Clock
logo
TAI-SAW TECHNOLOGY CO.,...
TA0945A TAI-SAW-TA0945A Datasheet
492Kb / 7P
SAW Filter 622.08 MHz
TA0911A TAI-SAW-TA0911A Datasheet
387Kb / 10P
SAW Filter 622.08 MHz
More results




About Murata Manufacturing Co., Ltd.


Murata Manufacturing Co., Ltd. is a Japanese multinational electronics company headquartered in Nagaokakyo, Kyoto, Japan.
The company was founded in 1944 and has since become a leading manufacturer of electronic components, including ceramic capacitors, wireless communication modules, and sensors.
Murata also offers a wide range of other products and solutions such as battery management systems, power supplies, and energy harvesting systems.
The company operates globally and has a strong reputation for quality and innovation in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com