Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HV508 Datasheet (PDF) - Supertex, Inc

HV508 Datasheet PDF - Supertex, Inc
Part # HV508
Download  HV508 Download
File Size   417.81 Kbytes
Page   4 Pages
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc
Description High Voltage Liquid Crystal Shutter Driver

HV508 Datasheet (PDF)

Go To PDF Page Download Datasheet
HV508 Datasheet PDF - Supertex, Inc

Part # HV508
Download  HV508 Click to download

File Size   417.81 Kbytes
Page   4 Pages
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc
Description High Voltage Liquid Crystal Shutter Driver

HV508 Datasheet (HTML) - Supertex, Inc


HV508 Product details

General Description
The Supertex HV508 is a 45V liquid crystal shutter driver in an 8-Lead SOIC surface mount package. It consists of two outputs that provide square waves of opposite phase. The liquid crystal shutter is connected between the two outputs. Its equivalent load can be approximated as a resistor in parallel with a capacitor. Minimum resistance is 1.0MΩ and maximum capacitance is 0.1µF.

Features
► HVCMOS® technology for high performance
► Logic-selectable output voltage
► 100nF drive capability
► Up to 90VP-P
► 25µs response time




Similar Part No. - HV508

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV508 SUTEX-HV508 Datasheet
429Kb / 3P
High Voltage Liquid Crystal Shutter Driver
HV508LG SUTEX-HV508LG Datasheet
429Kb / 3P
High Voltage Liquid Crystal Shutter Driver
HV508LG-G SUTEX-HV508LG-G Datasheet
582Kb / 4P
High Voltage, Liquid Crystal Shutter Driver
HV508 SUTEX-HV508_13 Datasheet
582Kb / 4P
High Voltage, Liquid Crystal Shutter Driver
More results


Similar Description - HV508

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
MM145453 NSC-MM145453 Datasheet
100Kb / 5P
Liquid Crystal Display Driver
MM5483 NSC-MM5483 Datasheet
136Kb / 6P
MM5483 Liquid Crystal Display Driver
logo
Supertex, Inc
HV508 SUTEX-HV508 Datasheet
429Kb / 3P
High Voltage Liquid Crystal Shutter Driver
logo
National Semiconductor ...
MM5483 NSC-MM5483_02 Datasheet
172Kb / 7P
Liquid Crystal Display Driver
MM145453 NSC-MM145453_00 Datasheet
117Kb / 5P
Liquid Crystal Display Driver
logo
Texas Instruments
MM145453VX TI-MM145453VX Datasheet
196Kb / 10P
Liquid Crystal Display Driver
MM5483 TI1-MM5483 Datasheet
330Kb / 11P
Liquid Crystal Display Driver
logo
Supertex, Inc
HV508 SUTEX-HV508_13 Datasheet
582Kb / 4P
High Voltage, Liquid Crystal Shutter Driver
logo
Maxim Integrated Produc...
MAX14515 MAXIM-MAX14515 Datasheet
208Kb / 14P
High-Voltage Liquid Lens Driver
Rev 0; 8/08
logo
Toshiba Semiconductor
TC4055BP TOSHIBA-TC4055BP Datasheet
139Kb / 5P
LIQUID-CRYSTAL DISPLAY DRIVER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com