Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

319004A Datasheet (PDF) - Molex Electronics Ltd.

319004A Datasheet PDF - Molex Electronics Ltd.
Part # 319004A
Download  319004A Download
File Size   72.43 Kbytes
Page   2 Pages
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.
Description KK짰 396 Wire-to-Board Header, Vertical, Round Pin, with Polarizing Wall, 4 Circuits, Tin (Sn) Plating

319004A Datasheet (PDF)

Go To PDF Page Download Datasheet
319004A Datasheet PDF - Molex Electronics Ltd.

Part # 319004A
Download  319004A Click to download

File Size   72.43 Kbytes
Page   2 Pages
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.
Description KK짰 396 Wire-to-Board Header, Vertical, Round Pin, with Polarizing Wall, 4 Circuits, Tin (Sn) Plating

319004A Datasheet (HTML) - Molex Electronics Ltd.




Similar Part No. - 319004A

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
319004A MOLEX3-319004A Datasheet
238Kb / 3P
3.96mm (.156") Pitch KK짰 Wire-to-Board Header, Vertical, Round Pin, with Polarizing Wall, 4 Circuits, Tin (Sn) Plating
319004AG MOLEX3-319004AG Datasheet
98Kb / 3P
3.96mm (.156") Pitch KK Wire-to-Board Header, Vertical, Round Pin, with Polarizing Wall, 4 Circuits
More results


Similar Description - 319004A

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
26-19-2031 MOLEX11-26-19-2031 Datasheet
72Kb / 2P
KK짰 396 Wire-to-Board Header, Vertical, Round Pin, with Polarizing Wall, 3 Circuits, Tin (Sn) Plating
26-19-2051 MOLEX11-26-19-2051 Datasheet
72Kb / 2P
KK짰 396 Wire-to-Board Header, Vertical, Round Pin, with Polarizing Wall, 5 Circuits, Tin (Sn) Plating
26-19-2071 MOLEX11-26-19-2071 Datasheet
72Kb / 2P
KK짰 396 Wire-to-Board Header, Vertical, Round Pin, with Polarizing Wall, 7 Circuits, Tin (Sn) Plating
26-19-2091 MOLEX11-26-19-2091 Datasheet
72Kb / 2P
KK짰 396 Wire-to-Board Header, Vertical, Round Pin, with Polarizing Wall, 9 Circuits, Tin (Sn) Plating
26-19-2111 MOLEX11-26-19-2111 Datasheet
72Kb / 2P
KK짰 396 Wire-to-Board Header, Vertical, Round Pin, with Polarizing Wall, 11 Circuits, Tin (Sn) Plating
26-19-2121 MOLEX11-26-19-2121 Datasheet
72Kb / 2P
KK짰 396 Wire-to-Board Header, Vertical, Round Pin, with Polarizing Wall, 12 Circuits, Tin (Sn) Plating
26-19-2131 MOLEX11-26-19-2131 Datasheet
72Kb / 2P
KK짰 396 Wire-to-Board Header, Vertical, Round Pin, with Polarizing Wall, 13 Circuits, Tin (Sn) Plating
26-19-2141 MOLEX11-26-19-2141 Datasheet
72Kb / 2P
KK짰 396 Wire-to-Board Header, Vertical, Round Pin, with Polarizing Wall, 14 Circuits, Tin (Sn) Plating
26-19-2151 MOLEX11-26-19-2151 Datasheet
72Kb / 2P
KK짰 396 Wire-to-Board Header, Vertical, Round Pin, with Polarizing Wall, 15 Circuits, Tin (Sn) Plating
26-19-2171 MOLEX11-26-19-2171 Datasheet
72Kb / 2P
KK짰 396 Wire-to-Board Header, Vertical, Round Pin, with Polarizing Wall, 17 Circuits, Tin (Sn) Plating
More results




About Molex Electronics Ltd.


Molex Electronics Ltd. is a subsidiary of Koch Industries, Inc., and is a global manufacturer of electronic and fiber optic interconnect solutions.

The company was founded in 1938 and is headquartered in Lisle, Illinois.

Molex offers a wide range of interconnect products including connectors, cable assemblies, switches, and other passive components.

These products are used in various industries including automotive, data communications, consumer electronics, industrial equipment, medical devices, and telecommunications.

With operations and facilities in over 40 countries, Molex is known for its innovation and technology leadership in the interconnect solutions market.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com