Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

K50F Datasheet (PDF) - New Jersey Semi-Conductor Products, Inc.

K50F Datasheet PDF - New Jersey Semi-Conductor Products, Inc.
Part # K50F
Download  K50F Download
File Size   494.94 Kbytes
Page   1 Pages
Manufacturer  NJSEMI [New Jersey Semi-Conductor Products, Inc.]
Direct Link  http://www.njsemi.com
Logo NJSEMI - New Jersey Semi-Conductor Products, Inc.
Description High Voltage Rectifiers 2,500V-10,000V

K50F Datasheet (PDF)

Go To PDF Page Download Datasheet
K50F Datasheet PDF - New Jersey Semi-Conductor Products, Inc.

Part # K50F
Download  K50F Click to download

File Size   494.94 Kbytes
Page   1 Pages
Manufacturer  NJSEMI [New Jersey Semi-Conductor Products, Inc.]
Direct Link  http://www.njsemi.com
Logo NJSEMI - New Jersey Semi-Conductor Products, Inc.
Description High Voltage Rectifiers 2,500V-10,000V

K50F Datasheet (HTML) - New Jersey Semi-Conductor Products, Inc.


K50F Product details

High Voltage Rectifiers

2,500V-10,000V
1.5A - 3.0A • 100ns - 300ns

Axial Leaded - Epoxy Molded
   




Similar Part No. - K50F

ManufacturerPart #DatasheetDescription
logo
Voltage Multipliers Inc...
K50F VMI-K50F Datasheet
83Kb / 2P
2,500 V - 10,000 V Rectifiers 1.5 A - 3.0 A Forward Current 200 ns Recovery Time
logo
New Jersey Semi-Conduct...
K50F NJSEMI-K50F Datasheet
494Kb / 1P
High Voltage Rectifiers 2,500V-10,000V
logo
Voltage Multipliers Inc...
K50F VMI-K50F Datasheet
139Kb / 2P
High Voltage Diodes - Epoxy Molded 1.5A - 3.0A ??200ns ??Axial Leaded
logo
Schneider Electric
K50F003UP SCHNEIDER-K50F003UP Datasheet
153Kb / 10P
cam changeover switch - 3-pole - 60째 - 50 A - screw mounting
Feb 3, 2022
K50F013UP SCHNEIDER-K50F013UP Datasheet
152Kb / 10P
cam changeover switch - 3-pole - 60째 - 50 A - screw mounting
Feb 3, 2022
More results


Similar Description - K50F

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
UGE3126AY4 IXYS-UGE3126AY4 Datasheet
57Kb / 2P
High Voltage Rectifiers
logo
Semikron International
SI-E3000-1350-2.5 SEMIKRON-SI-E3000-1350-2.5 Datasheet
98Kb / 2P
High voltage rectifiers
logo
Voltage Multipliers Inc...
MD90FF25J VMI-MD90FF25J Datasheet
480Kb / 1P
DO-214 Style Rectifiers - 2,500V
logo
Galaxy Semi-Conductor H...
R1200F BILIN-R1200F Datasheet
73Kb / 2P
HIGH VOLTAGE RECTIFIERS
logo
Shenzhen Luguang Electr...
3R12 LUGUANG-3R12 Datasheet
156Kb / 2P
High Voltage Rectifiers
logo
New Jersey Semi-Conduct...
K100F NJSEMI-K100F Datasheet
494Kb / 1P
High Voltage Rectifiers 2,500V-10,000V
logo
Diode Semiconductor Kor...
R1200 DSK-R1200 Datasheet
55Kb / 2P
HIGH VOLTAGE RECTIFIERS
3R12 DSK-3R12 Datasheet
64Kb / 2P
HIGH VOLTAGE RECTIFIERS
logo
Galaxy Semi-Conductor H...
R2500 BILIN-R2500 Datasheet
275Kb / 2P
HIGH VOLTAGE RECTIFIERS
logo
New Jersey Semi-Conduct...
Z25UF NJSEMI-Z25UF Datasheet
42Kb / 1P
2,500V - 10,000V Rectifiers
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com