Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

J508 Datasheet (PDF) - New Jersey Semi-Conductor Products, Inc.

J508 Datasheet PDF - New Jersey Semi-Conductor Products, Inc.
Part # J508
Download  J508 Download
File Size   632.27 Kbytes
Page   2 Pages
Manufacturer  NJSEMI [New Jersey Semi-Conductor Products, Inc.]
Direct Link  http://www.njsemi.com
Logo NJSEMI - New Jersey Semi-Conductor Products, Inc.
Description Current Regulator Diodes

J508 Datasheet (PDF)

Go To PDF Page Download Datasheet
J508 Datasheet PDF - New Jersey Semi-Conductor Products, Inc.

Part # J508
Download  J508 Click to download

File Size   632.27 Kbytes
Page   2 Pages
Manufacturer  NJSEMI [New Jersey Semi-Conductor Products, Inc.]
Direct Link  http://www.njsemi.com
Logo NJSEMI - New Jersey Semi-Conductor Products, Inc.
Description Current Regulator Diodes

J508 Datasheet (HTML) - New Jersey Semi-Conductor Products, Inc.


J508 Product details

DESCRIPTION

The J500 series is a family of ±20% range current regulators designed for demanding applications in test equipment and instrumentation. These devices utilize the JFET techniques to produce a single two-leaded device which is extremely simple to operate.



FEATURES

Two-Lead PlasticPackage

Guaranteed ±20% Tolerance

Operation from 1 V (J500–J503) to 50 V

Excellent Temperature Stability



BENEFITS

Simple Series Circuitry, No Separate Voltage Source

Tight Guaranteed Circuit Performance

Excellent Performance in Low-Voltage/Battery

Circuits and High-Voltage Spike Protection

High Circuit Stability vs. Temperature



APPLICATIONS

Constant-Current Supply

Current-Limiting

Timing Circuits




Similar Part No. - J508

ManufacturerPart #DatasheetDescription
logo
Linear Integrated Syste...
J508 LINEAR-J508 Datasheet
223Kb / 2P
CURRENT REGULATING DIODES
logo
Vishay Siliconix
J508 VISHAY-J508 Datasheet
31Kb / 4P
Current Regulator Diodes
02-Jul-01
J508 VISHAY-J508 Datasheet
44Kb / 5P
Current Regulator Diodes
02-Jul-01
logo
Micross Components
J508 MICROSS-J508 Datasheet
535Kb / 1P
Linear Systems replaces discontinued Siliconix J508
logo
Calogic, LLC
J508 CALOGIC-J508 Datasheet
208Kb / 2P
Current Regulator Diode
More results


Similar Description - J508

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
1N5283 MOTOROLA-1N5283 Datasheet
119Kb / 5P
CURRENT REGULATOR DIODES
logo
Compensated Deuices Inc...
1N5283 CDI-DIODE-1N5283 Datasheet
30Kb / 2P
CURRENT REGULATOR DIODES
DCR250 CDI-DIODE-DCR250 Datasheet
15Kb / 1P
CURRENT REGULATOR DIODES
logo
Microsemi Corporation
CDLL250 MICROSEMI-CDLL250 Datasheet
19Kb / 1P
CURRENT REGULATOR DIODES
DCR250 MICROSEMI-DCR250 Datasheet
19Kb / 1P
CURRENT REGULATOR DIODES
1N5283 MICROSEMI-1N5283_10 Datasheet
30Kb / 1P
CURRENT REGULATOR DIODES
logo
Digitron Semiconductors
1N5283 DIGITRON-1N5283 Datasheet
132Kb / 3P
CURRENT REGULATOR DIODES
logo
Vishay Siliconix
J510-E3 VISHAY-J510-E3 Datasheet
44Kb / 5P
Current Regulator Diodes
02-Jul-01
logo
New Jersey Semi-Conduct...
2N5283 NJSEMI-2N5283 Datasheet
196Kb / 2P
CURRENT REGULATOR DIODES
logo
Microsemi Corporation
JAN1N5283-1 MICROSEMI-JAN1N5283-1 Datasheet
223Kb / 6P
CURRENT REGULATOR DIODES
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com