Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F7007N Datasheet (PDF) - Fuji Electric

F7007N Datasheet PDF - Fuji Electric
Part # F7007N
Download  F7007N Download
File Size   197.14 Kbytes
Page   4 Pages
Manufacturer  FUJI [Fuji Electric]
Direct Link  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric
Description N-channel, Single 30V/7A

F7007N Datasheet (PDF)

Go To PDF Page Download Datasheet
F7007N Datasheet PDF - Fuji Electric

Part # F7007N
Download  F7007N Click to download

File Size   197.14 Kbytes
Page   4 Pages
Manufacturer  FUJI [Fuji Electric]
Direct Link  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric
Description N-channel, Single 30V/7A

F7007N Datasheet (HTML) - Fuji Electric


F7007N Product details

Features
• Low-on resistance
• VGS=4V driving
• Avalanche capability rating
• Higher pulse-current
• Including G-S zener diode




Similar Part No. - F7007N

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
F7003 APITECH-F7003 Datasheet
488Kb / 1P
Inside DC Block
F7006 APITECH-F7006 Datasheet
304Kb / 1P
Rugged SMA Connectors
F7006-1 APITECH-F7006-1 Datasheet
499Kb / 1P
Inside DC Block
More results


Similar Description - F7007N

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STS7NF30L STMICROELECTRONICS-STS7NF30L Datasheet
72Kb / 5P
N - CHANNEL 30V - 0.021ohm - 7A SO-8 STripFET POWER MOSFET
May-1999
logo
Fairchild Semiconductor
FDS8984 FAIRCHILD-FDS8984 Datasheet
367Kb / 6P
N-Channel PowerTrench MOSFET 30V, 7A, 23mOhm
logo
Rohm
RK9410 ROHM-RK9410 Datasheet
43Kb / 4P
Switching (30V, 7A)
logo
E-CMOS Corporation
EC733317 E-CMOS-EC733317 Datasheet
161Kb / 4P
-30V, -7A P-Channel MOSFET
logo
PFC Device Inc.
PRM5R5N03D PFC-PRM5R5N03D Datasheet
855Kb / 8P
30V Single N-Channel MOSFET
PRM5R5N03N5 PFC-PRM5R5N03N5 Datasheet
847Kb / 8P
30V Single N-Channel MOSFET
PRM2R4N03N5 PFC-PRM2R4N03N5 Datasheet
869Kb / 8P
30V Single N-Channel MOSFET
PRM3R0N03D PFC-PRM3R0N03D Datasheet
851Kb / 8P
30V Single N-Channel MOSFET
PRM4R0N03D PFC-PRM4R0N03D Datasheet
866Kb / 8P
30V Single N-Channel MOSFET
logo
ON Semiconductor
FDS8984-F085 ONSEMI-FDS8984-F085 Datasheet
485Kb / 7P
N-Channel PowerTrench짰 MOSFET 30V, 7A, 23m廓
September-2017, Rev. 1
More results




About Fuji Electric


Fuji Electric is a Japanese company that specializes in the manufacture of electrical and electronic equipment.
The company was founded in 1923 and is headquartered in Tokyo, Japan.
Fuji Electric offers a wide range of products including power electronics equipment, industrial automation equipment, and more.
The company is known for its expertise in power electronics and energy management, as well as its innovative technologies in the fields of electric vehicles, renewable energy, and smart grid solutions.
Fuji Electric has operations and facilities in various countries across the world and works closely with its customers to provide customized solutions that meet their specific requirements and needs.
In addition to its industrial and commercial products, Fuji Electric also provides a range of products and solutions for consumer and residential applications, such as air-conditioning systems, home appliances, and home security systems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com