Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SF2252E Datasheet (PDF) - Murata Manufacturing Co., Ltd.

SF2252E Datasheet PDF - Murata Manufacturing Co., Ltd.
Part # SF2252E
Download  SF2252E Download
File Size   204.82 Kbytes
Page   5 Pages
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.
Description 1590 MHz SAW Filter

SF2252E Datasheet (PDF)

Go To PDF Page Download Datasheet
SF2252E Datasheet PDF - Murata Manufacturing Co., Ltd.

Part # SF2252E
Download  SF2252E Click to download

File Size   204.82 Kbytes
Page   5 Pages
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.
Description 1590 MHz SAW Filter

SF2252E Datasheet (HTML) - Murata Manufacturing Co., Ltd.




Similar Part No. - SF2252E

ManufacturerPart #DatasheetDescription
logo
RF Monolithics, Inc
SF2252E RFM-SF2252E Datasheet
204Kb / 5P
1590 MHz SAW Filter
More results


Similar Description - SF2252E

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
SF0063CN02271T ICST-SF0063CN02271T Datasheet
89Kb / 2P
63 MHz SAW Bandpass Filter 63 MHz SAW Bandpass Filter
Rev X1
SF0096BA02394S ICST-SF0096BA02394S Datasheet
138Kb / 2P
96 MHz SAW Bandpass Filter 96 MHz SAW Bandpass Filter
logo
Shenzhen Luguang Electr...
NDF9196 LUGUANG-NDF9196 Datasheet
398Kb / 6P
1SAW FILTER 1590 MHz
logo
RF Monolithics, Inc
SF2252E RFM-SF2252E Datasheet
204Kb / 5P
1590 MHz SAW Filter
logo
API Technologies Corp
SF0240CD03109S APITECH-SF0240CD03109S Datasheet
154Kb / 3P
240 MHz SAW Filter 240 MHz SAW Filter
SF0185BA02302S APITECH-SF0185BA02302S Datasheet
126Kb / 3P
185.76 MHz SAW Bandpass Filter 185.76 MHz SAW Bandpass Filter
SF0162BA03266S APITECH-SF0162BA03266S Datasheet
1Mb / 3P
SAW Filter 162 MHz SAW Bandpass Filter, 0.06 MHz Bandwidth
logo
Johanson Technology Inc...
1575CH15A0030 JOHANSON-1575CH15A0030 Datasheet
313Kb / 3P
Splitter; 1560 - 1590 MHz
logo
TAI-SAW TECHNOLOGY CO.,...
TA1168A TAI-SAW-TA1168A Datasheet
405Kb / 6P
SAW Filter 1590 MHz
TA0638C TAI-SAW-TA0638C Datasheet
599Kb / 7P
SAW Filter 1590 MHz SMD 3.0X3.0 mm(BW=59MHz)
More results




About Murata Manufacturing Co., Ltd.


Murata Manufacturing Co., Ltd. is a Japanese multinational electronics company headquartered in Nagaokakyo, Kyoto, Japan.
The company was founded in 1944 and has since become a leading manufacturer of electronic components, including ceramic capacitors, wireless communication modules, and sensors.
Murata also offers a wide range of other products and solutions such as battery management systems, power supplies, and energy harvesting systems.
The company operates globally and has a strong reputation for quality and innovation in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com