Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FA3675F Datasheet (PDF) - Fuji Electric

FA3675F Datasheet PDF - Fuji Electric
Part # FA3675F
Download  FA3675F Download
File Size   108.42 Kbytes
Page   8 Pages
Manufacturer  FUJI [Fuji Electric]
Direct Link  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric
Description For Switching Power Supply Control

FA3675F Datasheet (PDF)

Go To PDF Page Download Datasheet
FA3675F Datasheet PDF - Fuji Electric

Part # FA3675F
Download  FA3675F Click to download

File Size   108.42 Kbytes
Page   8 Pages
Manufacturer  FUJI [Fuji Electric]
Direct Link  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric
Description For Switching Power Supply Control

FA3675F Datasheet (HTML) - Fuji Electric


FA3675F Product details

■ Description
FA3675F is a control IC for 6-channel DC-DC converter. This IC can directly drive a Nch/Pch-MOSFET.
This IC is suitable to reduce converter size because it has many functions in a small package LQFP-48.

■ Features
• 6-channel PWM control with MOSFET direct driving :
   5-channel for Pch-MOSFET, 1channel for Nch-MOSFET
• Low input voltage: 2.5V to 20V
• ±1.0% high accuracy bandgap reference
• Low power consumption by means of CDMOS
   Standby mode: 20µA(max.)
   Operating mode: 10mA(max.)
• Soft start function for each channel
• ON/OFF function for each channel
• Timer latch for short protection
• Undervoltage lockout
• Wide range of operation frequency: 50kHz to 1MHz
• Package: LQFP-48(Thin and small)

■ Application
• VTR-camera, digital-steel-camera and portable equipment




Similar Part No. - FA3675F

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
FA3621 FUJI-FA3621 Datasheet
67Kb / 8P
For Switching Power Supply Control
FA3621F FUJI-FA3621F Datasheet
67Kb / 8P
For Switching Power Supply Control
FA3629AV FUJI-FA3629AV Datasheet
50Kb / 7P
For Switching Power Supply Control
FA3630V FUJI-FA3630V Datasheet
47Kb / 6P
For Switching Power Supply Control
FA3635P FUJI-FA3635P Datasheet
37Kb / 5P
For Switching Power Supply Control
More results


Similar Description - FA3675F

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
FA3621F FUJI-FA3621F Datasheet
67Kb / 8P
For Switching Power Supply Control
FA3629AV FUJI-FA3629AV Datasheet
50Kb / 7P
For Switching Power Supply Control
FA3630V FUJI-FA3630V Datasheet
47Kb / 6P
For Switching Power Supply Control
FA3635P FUJI-FA3635P Datasheet
37Kb / 5P
For Switching Power Supply Control
FA5301BP FUJI-FA5301BP Datasheet
64Kb / 5P
Bipolar IC For Switching Power Supply Control
FA5304AP FUJI-FA5304AP Datasheet
280Kb / 17P
Bipolar IC For Switching Power Supply Control
FA531X FUJI-FA531X Datasheet
263Kb / 17P
Bipolar IC For Switching Power Supply Control
FA7611CP FUJI-FA7611CP Datasheet
73Kb / 6P
Bipolar IC For Switching Power Supply Control
logo
List of Unclassifed Man...
FA7700V ETC-FA7700V Datasheet
182Kb / 13P
For Switching Power Supply Control
FA3686 ETC-FA3686 Datasheet
389Kb / 18P
For Switching Power Supply Control
More results




About Fuji Electric


Fuji Electric is a Japanese company that specializes in the manufacture of electrical and electronic equipment.
The company was founded in 1923 and is headquartered in Tokyo, Japan.
Fuji Electric offers a wide range of products including power electronics equipment, industrial automation equipment, and more.
The company is known for its expertise in power electronics and energy management, as well as its innovative technologies in the fields of electric vehicles, renewable energy, and smart grid solutions.
Fuji Electric has operations and facilities in various countries across the world and works closely with its customers to provide customized solutions that meet their specific requirements and needs.
In addition to its industrial and commercial products, Fuji Electric also provides a range of products and solutions for consumer and residential applications, such as air-conditioning systems, home appliances, and home security systems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com