Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FA13845P Datasheet (PDF) - Fuji Electric

FA13845P Datasheet PDF - Fuji Electric
Part # FA13845P
Download  FA13845P Download
File Size   151.45 Kbytes
Page   15 Pages
Manufacturer  FUJI [Fuji Electric]
Direct Link  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric
Description CMOS IC(For Switching Power Supply Control)

FA13845P Datasheet (PDF)

Go To PDF Page Download Datasheet
FA13845P Datasheet PDF - Fuji Electric

Part # FA13845P
Download  FA13845P Click to download

File Size   151.45 Kbytes
Page   15 Pages
Manufacturer  FUJI [Fuji Electric]
Direct Link  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric
Description CMOS IC(For Switching Power Supply Control)

FA13845P Datasheet (HTML) - Fuji Electric


FA13845P Product details

■ Description
The FA1384X series are CMOS current mode control ICs for off-line and DC-to-DC converters.
These ICs can reduce start-up circuit loss and are optimum for high efficiency power supplies because of the low power dissipation achieved through changes in the CMOS fabrication process.
These ICs can drive a power MOSFET directly.
The high-performance, compact power supply can be designed with minimal external components .

■ Features
• CMOS process
• Low-power dissipation
• Standby current 2µA (max.), start-up current 30µA (max.)
• Pulse-by-pulse current limiting
• 5V bandgap reference
• UVLO (Undervoltage lockout) with hysteresis
• Maximum duty cycle FA13842, 13843: 96% FA13844, 13845: 48%
• Pin-for-pin compatible with UC384X




Similar Part No. - FA13845P

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
FA13845 FUJI-FA13845 Datasheet
665Kb / 24P
FUJI SWITCHING POWER SUPPLYCONTROL IC
More results


Similar Description - FA13845P

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
FA5301BP FUJI-FA5301BP Datasheet
64Kb / 5P
Bipolar IC For Switching Power Supply Control
FA5304AP FUJI-FA5304AP Datasheet
280Kb / 17P
Bipolar IC For Switching Power Supply Control
FA531X FUJI-FA531X Datasheet
263Kb / 17P
Bipolar IC For Switching Power Supply Control
FA7611CP FUJI-FA7611CP Datasheet
73Kb / 6P
Bipolar IC For Switching Power Supply Control
FA7613CP FUJI-FA7613CP Datasheet
55Kb / 5P
Bipolar IC For Switching Power Supply Control
FA7616CP FUJI-FA7616CP Datasheet
72Kb / 5P
Bipolar IC For Switching Power Supply Control
FA7622CP FUJI-FA7622CP Datasheet
67Kb / 8P
Bipolar IC For Switching Power Supply Control
FA7630CP FUJI-FA7630CP Datasheet
61Kb / 5P
Bipolar IC For Switching Power Supply Control
logo
List of Unclassifed Man...
FA551 ETC1-FA551 Datasheet
259Kb / 22P
CMOS IC For Switching Power Supply Control
logo
Fuji Electric
FA5546 FUJI-FA5546 Datasheet
667Kb / 27P
Switching Power Supply Control IC
More results




About Fuji Electric


Fuji Electric is a Japanese company that specializes in the manufacture of electrical and electronic equipment.
The company was founded in 1923 and is headquartered in Tokyo, Japan.
Fuji Electric offers a wide range of products including power electronics equipment, industrial automation equipment, and more.
The company is known for its expertise in power electronics and energy management, as well as its innovative technologies in the fields of electric vehicles, renewable energy, and smart grid solutions.
Fuji Electric has operations and facilities in various countries across the world and works closely with its customers to provide customized solutions that meet their specific requirements and needs.
In addition to its industrial and commercial products, Fuji Electric also provides a range of products and solutions for consumer and residential applications, such as air-conditioning systems, home appliances, and home security systems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com