Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UES704 Datasheet (PDF) - Microsemi Corporation

UES704 Datasheet PDF - Microsemi Corporation
Part # UES704
Download  UES704 Download
File Size   136.79 Kbytes
Page   3 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description ULTRAFAST RECTIFIERS, High Efficiency, 20A

UES704 Datasheet (PDF)

Go To PDF Page Download Datasheet
UES704 Datasheet PDF - Microsemi Corporation

Part # UES704
Download  UES704 Click to download

File Size   136.79 Kbytes
Page   3 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description ULTRAFAST RECTIFIERS, High Efficiency, 20A

UES704 Datasheet (HTML) - Microsemi Corporation


UES704 Product details

DESCRIPTION
The UES704 series of ultrafast high-efficiency rectifiers is specifically designed for operation in power switching circuits operating at frequencies of 20 kHz or higher. The low thermal resistance and forward voltage drop of this series allows the user to replace DO-5 size devices in many applications. These devices have also been demonstrated capability in passing power-stress testing to 25 thousand cycles with full-rated forward current turned on and off without a heat sink. This forces case temperature increases of 75°C at which time the current is removed to simulate worst case applications. The switching times increase relatively little with temperature or at different currents.

FEATURES
• Very Low Forward Voltage
• Very Fast Recovery Times
• Low Thermal Resistance
• High Reliability Screening Option with HR2 Suffix (ie. UES704HR2)
• Mechanically rugged
• Standard Polarity is Cathode to Stud. For Reverse Polarity, Add Suffix R (ie. UES704R)

APPLICATIONS / BENEFITS
• Power Switching Circuits 20 kHz and above with minimal parasitic switching losses
• Catch Diodes for Switching Regulators
• Output Rectifiers for High Frequency Square-Wave Inverters
• Extremely Robust in Power Cycling
• High Surge Capability
• Hermetically Sealed
• Marking: Part Number and Logo




Similar Part No. - UES704

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
UES704 MICROSEMI-UES704 Datasheet
127Kb / 3P
RECTIFIERS
logo
Digitron Semiconductors
UES704 DIGITRON-UES704 Datasheet
930Kb / 3P
HIGH EFFICIENCY RECTIFIERS
logo
Microsemi Corporation
UES704 MICROSEMI-UES704 Datasheet
136Kb / 3P
ULTRAFAST RECTIFIERS, High Efficiency, 20A
UES704HR2 MICROSEMI-UES704HR2 Datasheet
127Kb / 3P
RECTIFIERS
UES704HR2 MICROSEMI-UES704HR2 Datasheet
136Kb / 3P
ULTRAFAST RECTIFIERS, High Efficiency, 20A
More results


Similar Description - UES704

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
SF20A400HPI KODENSHI-SF20A400HPI Datasheet
298Kb / 5P
400V, 20A ULTRAFAST DUAL RECTIFIERS
SF20A400HPR KODENSHI-SF20A400HPR Datasheet
313Kb / 5P
400V, 20A ULTRAFAST DUAL RECTIFIERS
SF20A600HPI KODENSHI-SF20A600HPI Datasheet
297Kb / 5P
600V, 20A ULTRAFAST DUAL RECTIFIERS
SF20D300D2 KODENSHI-SF20D300D2 Datasheet
253Kb / 5P
300V, 20A ULTRAFAST DUAL RECTIFIERS
SF20D600D2 KODENSHI-SF20D600D2 Datasheet
255Kb / 5P
600V, 20A ULTRAFAST DUAL RECTIFIERS
KSD-D0O034-001 KODENSHI-KSD-D0O034-001 Datasheet
289Kb / 5P
200V, 20A ULTRAFAST DUAL RECTIFIERS
KSD-D0O042-001 KODENSHI-KSD-D0O042-001 Datasheet
232Kb / 5P
300V, 20A ULTRAFAST DUAL RECTIFIERS
logo
Microsemi Corporation
UES705R MICROSEMI-UES705R Datasheet
136Kb / 3P
ULTRAFAST RECTIFIERS, High Efficiency, 20A
UES804R MICROSEMI-UES804R Datasheet
317Kb / 3P
ULTRAFAST RECTIFIERS, High Efficiency, 50A
logo
KODENSHI_AUK CORP.
SFN20W200CI KODENSHI-SFN20W200CI Datasheet
209Kb / 5P
200V, 20A ULTRAFAST DUAL RECTIFIERS
More results




About Microsemi Corporation


Microsemi Corporation was an American company that specialized in the design and manufacture of semiconductor and system solutions.
The company was founded in 1960 and was headquartered in Aliso Viejo, California.
Microsemi provided a wide range of products including analog and mixed-signal integrated circuits, field-programmable gate arrays (FPGAs), power management and control products, and other semiconductor solutions.
The company's products were used in various applications such as defense and security, aerospace and aviation, industrial, and communications.
Microsemi was known for its expertise in semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
In 2018, Microsemi was acquired by Microchip Technology, a leading provider of microcontroller, mixed-signal, analog, and security products.
The Microsemi brand is no longer in use, but its technology and products continue to be a part of Microchip's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com