Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRFF120 Datasheet (PDF) - New Jersey Semi-Conductor Products, Inc.

IRFF120 Datasheet PDF - New Jersey Semi-Conductor Products, Inc.
Part # IRFF120
Download  IRFF120 Download
File Size   156.74 Kbytes
Page   3 Pages
Manufacturer  NJSEMI [New Jersey Semi-Conductor Products, Inc.]
Direct Link  http://www.njsemi.com
Logo NJSEMI - New Jersey Semi-Conductor Products, Inc.
Description 6.0A, 100V, 0.300 Ohm, N-Channel Power MOSFET

IRFF120 Datasheet (PDF)

Go To PDF Page Download Datasheet
IRFF120 Datasheet PDF - New Jersey Semi-Conductor Products, Inc.

Part # IRFF120
Download  IRFF120 Click to download

File Size   156.74 Kbytes
Page   3 Pages
Manufacturer  NJSEMI [New Jersey Semi-Conductor Products, Inc.]
Direct Link  http://www.njsemi.com
Logo NJSEMI - New Jersey Semi-Conductor Products, Inc.
Description 6.0A, 100V, 0.300 Ohm, N-Channel Power MOSFET

IRFF120 Datasheet (HTML) - New Jersey Semi-Conductor Products, Inc.


IRFF120 Product details

6.0A, 100V, 0.300 Ohm, N-Channel Power MOSFET

This N-Channel enhancement mode silicon gate power field effect transistor is an advanced power MOSFET designed, tested, and guaranteed to withstand a specified level of energy in the breakdown avalanche mode of operation. All of these power MOSFETs are designed for applications such as switching regulators, switching convertors, motor drivers, relay drivers, and drivers for high power bipolar switching transistors requiring high speed and low gate drive power. These types can be operated directly from integrated circuits.

Features
• 6.0A, 100V
• rDS(ON) = 0.300Ω
• Single Pulse Avalanche Energy Rated
• SOA is Power Dissipation Limited
• Nanosecond Switching Speeds
• Linear Transfer Characteristics
• High Input Impedance
• Related Literature
   - TB334, “Guidelines for Soldering Surface Mount Components to PC Boards”




Similar Part No. - IRFF120

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
IRFF120 INTERSIL-IRFF120 Datasheet
325Kb / 7P
6.0A, 100V, 0.300 Ohm, N-Channel Power MOSFET
March 1999
logo
International Rectifier
IRFF120 IRF-IRFF120 Datasheet
131Kb / 7P
REPETITIVE AVALANCHE AND dv/dt RATED HEXFET TRANSISTORS THRU-HOLE (TO-205AF)
logo
GE Solid State
IRFF120 GESS-IRFF120 Datasheet
165Kb / 5P
N-Channel Enhancement-Mode Power MOS Field-Effect Transistors
More results


Similar Description - IRFF120

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
IRF350 INTERSIL-IRF350 Datasheet
59Kb / 7P
15A, 400V, 0.300 Ohm, N-Channel Power MOSFET
March 1999
IRF9530 INTERSIL-IRF9530 Datasheet
63Kb / 7P
12A, 100V, 0.300 Ohm, P-Channel Power MOSFETs
July 1999
IRFD120 INTERSIL-IRFD120 Datasheet
52Kb / 6P
1.3A, 100V, 0.300 Ohm, N-Channel Power MOSFET
July 1999
IRFF120 INTERSIL-IRFF120 Datasheet
325Kb / 7P
6.0A, 100V, 0.300 Ohm, N-Channel Power MOSFET
March 1999
IRFF9130 INTERSIL-IRFF9130 Datasheet
327Kb / 7P
-6.5A, -100V, 0.300 Ohm, P-Channel Power MOSFET
February 1999
IRFP350 INTERSIL-IRFP350 Datasheet
57Kb / 7P
16A, 400V, 0.300 Ohm, N-Channel Power MOSFET
July 1999
RFD7N10LE INTERSIL-RFD7N10LE Datasheet
361Kb / 7P
7A, 100V, 0.300 Ohm, N-Channel, Logic Level, Power MOSFETs
October 1999
logo
International Rectifier
JANTX2N6788 IRF-JANTX2N6788 Datasheet
238Kb / 6P
POWER MOSFET N-CHANNEL(BVdss=100V, Rds(on)=0.30ohm, Id=6.0A)
logo
Fairchild Semiconductor
IRFD120 FAIRCHILD-IRFD120 Datasheet
91Kb / 7P
1.3A, 100V, 0.300 Ohm, N-Channel Power MOSFET
logo
Rohm
RF4P060BG ROHM-RF4P060BG Datasheet
2Mb / 14P
Nch 100V 6.0A Power MOSFET
20221115 - Rev.002
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com