Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPS760E3 Datasheet (PDF) - Microsemi Corporation

UPS760E3 Datasheet PDF - Microsemi Corporation
Part # UPS760E3
Download  UPS760E3 Download
File Size   201.85 Kbytes
Page   5 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description 7 A Schottky Barrier Rectifier

UPS760E3 Datasheet (PDF)

Go To PDF Page Download Datasheet
UPS760E3 Datasheet PDF - Microsemi Corporation

Part # UPS760E3
Download  UPS760E3 Click to download

File Size   201.85 Kbytes
Page   5 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description 7 A Schottky Barrier Rectifier

UPS760E3 Datasheet (HTML) - Microsemi Corporation




Similar Part No. - UPS760E3

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UPS701 UTC-UPS701 Datasheet
599Kb / 12P
HIGH PERFORMANCE CURRENT MODE POWER SWITCH
logo
E-Tech Electronics LTD
UPS701 ETL-UPS701 Datasheet
599Kb / 12P
HIGH PERFORMANCE CURRENT MODE POWER SWITCH
logo
Unisonic Technologies
UPS701G-D08-T UTC-UPS701G-D08-T Datasheet
599Kb / 12P
HIGH PERFORMANCE CURRENT MODE POWER SWITCH
UPS701G-D08-T UTC-UPS701G-D08-T Datasheet
599Kb / 12P
HIGH PERFORMANCE CURRENT MODE POWER SWITCH
UPS701L-D08-T UTC-UPS701L-D08-T Datasheet
599Kb / 12P
HIGH PERFORMANCE CURRENT MODE POWER SWITCH
More results


Similar Description - UPS760E3

ManufacturerPart #DatasheetDescription
logo
TAITRON Components Inco...
TSR220 TAITRON-TSR220 Datasheet
185Kb / 4P
2.0 A SCHOTTKY BARRIER RECTIFIER
logo
Naina Semiconductor ltd...
15SQ030 NAINA-15SQ030 Datasheet
131Kb / 2P
Schottky Barrier Rectifier, 15.0 A
logo
Nanjing International G...
MBRB2045CT-20A DGNJDZ-MBRB2045CT-20A Datasheet
348Kb / 2P
20.0 A Schottky Barrier Rectifier
MBRB2060CT-20A DGNJDZ-MBRB2060CT-20A Datasheet
348Kb / 2P
20.0 A Schottky Barrier Rectifier
MBRB20150CT-20A DGNJDZ-MBRB20150CT-20A Datasheet
348Kb / 2P
20.0 A Schottky Barrier Rectifier
MBRB20200CT-20A DGNJDZ-MBRB20200CT-20A Datasheet
348Kb / 2P
20.0 A Schottky Barrier Rectifier
MBRB2035CT-20A DGNJDZ-MBRB2035CT-20A Datasheet
348Kb / 2P
20.0 A Schottky Barrier Rectifier
logo
Naina Semiconductor ltd...
10SQ030 NAINA-10SQ030 Datasheet
130Kb / 2P
Schottky Barrier Rectifier, 10.0 A
12SQ030-12SQ100 NAINA-12SQ030-12SQ100 Datasheet
131Kb / 2P
Schottky Barrier Rectifier, 12.0 A
logo
Zibo Seno Electronic En...
MBR740 ZSELEC-MBR740 Datasheet
186Kb / 2P
7 .0 A SCHOTTKY BARRIER DIODE
More results




About Microsemi Corporation


Microsemi Corporation was an American company that specialized in the design and manufacture of semiconductor and system solutions.
The company was founded in 1960 and was headquartered in Aliso Viejo, California.
Microsemi provided a wide range of products including analog and mixed-signal integrated circuits, field-programmable gate arrays (FPGAs), power management and control products, and other semiconductor solutions.
The company's products were used in various applications such as defense and security, aerospace and aviation, industrial, and communications.
Microsemi was known for its expertise in semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
In 2018, Microsemi was acquired by Microchip Technology, a leading provider of microcontroller, mixed-signal, analog, and security products.
The Microsemi brand is no longer in use, but its technology and products continue to be a part of Microchip's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com