Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RKBPC601 Datasheet (PDF) - Fuji Electric

RKBPC601 Datasheet PDF - Fuji Electric
Part # RKBPC601
Download  RKBPC601 Download
File Size   795.03 Kbytes
Page   1 Pages
Manufacturer  FUJI [Fuji Electric]
Direct Link  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric
Description 6 AMP FAST RECOVERY BRIDGE RECTIFIER

RKBPC601 Datasheet (PDF)

Go To PDF Page Download Datasheet
RKBPC601 Datasheet PDF - Fuji Electric

Part # RKBPC601
Download  RKBPC601 Click to download

File Size   795.03 Kbytes
Page   1 Pages
Manufacturer  FUJI [Fuji Electric]
Direct Link  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric
Description 6 AMP FAST RECOVERY BRIDGE RECTIFIER

RKBPC601 Datasheet (HTML) - Fuji Electric


RKBPC601 Product details

FEATURES
• Rating to 1000V PRV
• High efficiency
• Ideal for printed circuit board
• Surge overload rating to 125 Amperes peak
• Reliable low cost construction utilizing molded plastic technique results in insexpensive product
• UL recognized: File #E 106441
• UL recognized 94V-0 plastic material




Similar Part No. - RKBPC601

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
RKBPC10 WTE-RKBPC10 Datasheet
56Kb / 4P
10,15,25,35A FAST RECOVERY BRIDGE RECTIFIER
RKBPC1000 WTE-RKBPC1000 Datasheet
56Kb / 4P
10,15,25,35A FAST RECOVERY BRIDGE RECTIFIER
RKBPC1000 WTE-RKBPC1000 Datasheet
72Kb / 5P
10, 15, 25, 35A FAST RECOVERY SINGLE-PHASE BRIDGE RECTIFIER
RKBPC1000W WTE-RKBPC1000W Datasheet
56Kb / 4P
10,15,25,35A FAST RECOVERY BRIDGE RECTIFIER
RKBPC1000W WTE-RKBPC1000W Datasheet
72Kb / 5P
10, 15, 25, 35A FAST RECOVERY SINGLE-PHASE BRIDGE RECTIFIER
More results


Similar Description - RKBPC601

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
PR6001 FUJI-PR6001 Datasheet
679Kb / 1P
6 AMP FAST RECOVERY RECTIFIER
RKBPC15005 FUJI-RKBPC15005 Datasheet
803Kb / 1P
15 AMP FAST RECOVERY BRIDGE RECTIFIER
RKBPC35005 FUJI-RKBPC35005 Datasheet
866Kb / 1P
35 AMP FAST RECOVERY BRIDGE RECTIFIER
RKBPC8005 FUJI-RKBPC8005 Datasheet
893Kb / 1P
8 AMP FAST RECOVERY BRIDGE RECTIFIER
logo
DIOTEC Electronics Corp...
FDB600 DEC-FDB600 Datasheet
254Kb / 1P
6 AMP FAST RECOVERY BRIDGE RECTIFIERS
logo
TAITRON Components Inco...
TF601 TAITRON-TF601 Datasheet
141Kb / 3P
6 Amp Fast Recovery Rectifier
logo
Micro Commercial Compon...
PB62F MCC-PB62F Datasheet
128Kb / 3P
6 Amp Fast Recovery Bridge Rectifier 200 Volts
logo
DIOTEC Electronics Corp...
06FDB DEC-06FDB Datasheet
256Kb / 1P
6 AMP FAST RECOVERY BRIDGE RECTIFIERS
FRDB-600-1B DEC-FRDB-600-1B Datasheet
256Kb / 1P
6 AMP FAST RECOVERY BRIDGE RECTIFIERS
logo
Micro Commercial Compon...
PB62F MCC-PB62F_13 Datasheet
352Kb / 4P
6 Amp Fast Recovery Bridge Rectifier 200 Volts
More results




About Fuji Electric


Fuji Electric is a Japanese company that specializes in the manufacture of electrical and electronic equipment.
The company was founded in 1923 and is headquartered in Tokyo, Japan.
Fuji Electric offers a wide range of products including power electronics equipment, industrial automation equipment, and more.
The company is known for its expertise in power electronics and energy management, as well as its innovative technologies in the fields of electric vehicles, renewable energy, and smart grid solutions.
Fuji Electric has operations and facilities in various countries across the world and works closely with its customers to provide customized solutions that meet their specific requirements and needs.
In addition to its industrial and commercial products, Fuji Electric also provides a range of products and solutions for consumer and residential applications, such as air-conditioning systems, home appliances, and home security systems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com