Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C158M Datasheet (PDF) - New Jersey Semi-Conductor Products, Inc.

C158M Datasheet PDF - New Jersey Semi-Conductor Products, Inc.
Part # C158M
Download  C158M Download
File Size   150.42 Kbytes
Page   2 Pages
Manufacturer  NJSEMI [New Jersey Semi-Conductor Products, Inc.]
Direct Link  http://www.njsemi.com
Logo NJSEMI - New Jersey Semi-Conductor Products, Inc.
Description C158-C159 SCR1200Volts - 110A RMS

C158M Datasheet (PDF)

Go To PDF Page Download Datasheet
C158M Datasheet PDF - New Jersey Semi-Conductor Products, Inc.

Part # C158M
Download  C158M Click to download

File Size   150.42 Kbytes
Page   2 Pages
Manufacturer  NJSEMI [New Jersey Semi-Conductor Products, Inc.]
Direct Link  http://www.njsemi.com
Logo NJSEMI - New Jersey Semi-Conductor Products, Inc.
Description C158-C159 SCR1200Volts - 110A RMS

C158M Datasheet (HTML) - New Jersey Semi-Conductor Products, Inc.




Similar Part No. - C158M

ManufacturerPart #DatasheetDescription
logo
Time Electronics Ltd.
C158 TIME-ELECTRONICS-C158 Datasheet
488Kb / 2P
1077 Milliamp Transducer Simulator
07/22
logo
Ledil, Inc.
C15800 LEDIL-C15800 Datasheet
4Mb / 7P
~25째 spot beam
C15801 LEDIL-C15801 Datasheet
4Mb / 7P
~35째 medium beam
C15802 LEDIL-C15802 Datasheet
4Mb / 7P
~60째 wide beam
C15821 LEDIL-C15821 Datasheet
1Mb / 25P
Winnie Assembly
More results


Similar Description - C158M

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
PDM1102H NIEC-PDM1102H Datasheet
123Kb / 3P
MOSFET - 110A, 250V
logo
New Jersey Semi-Conduct...
2N4852 NJSEMI-2N4852 Datasheet
138Kb / 1P
RMS POWER DISSIPATION
logo
List of Unclassifed Man...
AM-530 ETC2-AM-530 Datasheet
621Kb / 2P
True-rms Electrical True-rms Contractor Multimeter
logo
Nell Semiconductor Co.,...
NKD110A NELLSEMI-NKD110A Datasheet
392Kb / 6P
Standard Recovery Diodes, 110A
logo
Extech Instruments Corp...
EX205T EXTECH-EX205T Datasheet
215Kb / 1P
True RMS MultiMeters
logo
MacMic
MMD110A MACMIC-MMD110A Datasheet
194Kb / 3P
110A Rectifier Diode Module
MMD110AB160B MACMIC-MMD110AB160B Datasheet
247Kb / 3P
110A 1600V Rectifier Diode Module
MMK110A160B MACMIC-MMK110A160B Datasheet
272Kb / 4P
110A Thyristor Module
MMK110A160DA MACMIC-MMK110A160DA Datasheet
369Kb / 4P
110A Thyristor Module
MMK110A160UA MACMIC-MMK110A160UA Datasheet
522Kb / 5P
1600V 110A thyristor Module
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com