Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

W02G Datasheet (PDF) - Fuji Electric

W02G Datasheet PDF - Fuji Electric
Part # W02G
Download  W02G Download
File Size   666.47 Kbytes
Page   1 Pages
Manufacturer  FUJI [Fuji Electric]
Direct Link  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric
Description 1.5 AMP GLASS PASSIVATED BRIDGE RECTIFIER

W02G Datasheet (PDF)

Go To PDF Page Download Datasheet
W02G Datasheet PDF - Fuji Electric

Part # W02G
Download  W02G Click to download

File Size   666.47 Kbytes
Page   1 Pages
Manufacturer  FUJI [Fuji Electric]
Direct Link  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric
Description 1.5 AMP GLASS PASSIVATED BRIDGE RECTIFIER

W02G Datasheet (HTML) - Fuji Electric


W02G Product details

FEATURES
• Rating to 1000V PRV
• Surge overload rating to 50 Amperes peak
• Ideal for printed circuit board
• Reliable construction utilizing molded
   plastic technique results in inexpensive product
• UL recognized: File #E106441  
• UL recognized 94V-O plastic material




Similar Part No. - W02G

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
W02G PANJIT-W02G Datasheet
49Kb / 2P
1.5 AMPERE SILICON MINIATURE SINGLE- PHASE BRIDGES(VOLTAGE - 50 to 1000 Volts CURRENT - 1.5 Amperes)
logo
Won-Top Electronics
W02G WTE-W02G Datasheet
52Kb / 3P
1.5A GLASS PASSIVATED BRIDGE RECTIFIER
logo
Fairchild Semiconductor
W02G FAIRCHILD-W02G Datasheet
163Kb / 3P
1.5 Ampere Glass Passivated Bridge Rectifiers
logo
Shanghai Lunsure Electr...
W02G CHENYI-W02G Datasheet
193Kb / 2P
SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER
logo
Diodes Incorporated
W02G DIODES-W02G Datasheet
52Kb / 2P
1.5A GLASS PASSIVATED BRIDGE RECTIFIER
DS21202 Rev. F-2
More results


Similar Description - W02G

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
KBP005G FUJI-KBP005G Datasheet
514Kb / 1P
1.5 AMP GLASS PASSIVATED SILICON BRIDGE RECTIFIER
logo
List of Unclassifed Man...
RGP15A ETC-RGP15A Datasheet
45Kb / 2P
1.5 Amp. Glass Passivated Fast Recovery Rectifier
B40C1500R ETC1-B40C1500R Datasheet
20Kb / 2P
1.5 Amp. Glass Passivated Bridge Rectifier
logo
First Components Intern...
W005G FCI-W005G Datasheet
125Kb / 2P
1.5 Amp GLASS PASSIVATED SINGLE PHASE SILICON BRIDGE
logo
List of Unclassifed Man...
TL400G ETC2-TL400G Datasheet
127Kb / 4P
4 AMP Glass Passivated Bridge Rectifier
logo
SeCoS Halbleitertechnol...
FR151G SECOS-FR151G Datasheet
203Kb / 2P
1.5 AMP Glass Passivated Fast Recovery Rectifier
logo
Shenzhen Luguang Electr...
DBL151G LUGUANG-DBL151G Datasheet
362Kb / 2P
Single Phase 1.5 AMP. Glass Passivated Bridge Rectifiers
logo
First Components Intern...
DF15005 FCI-DF15005 Datasheet
110Kb / 2P
1.5 Amp Glass Passivated Single Phase Silicon Bridge
logo
Micro Commercial Compon...
KBP005M MCC-KBP005M Datasheet
721Kb / 3P
1.5 Amp Glass Passivated Bridge Rectifier 50 to 1000 Volts
GS2Y-L MCC-GS2Y-L Datasheet
418Kb / 3P
1.5 Amp Glass Passivated Rectifier 1600 Volts
More results




About Fuji Electric


Fuji Electric is a Japanese company that specializes in the manufacture of electrical and electronic equipment.
The company was founded in 1923 and is headquartered in Tokyo, Japan.
Fuji Electric offers a wide range of products including power electronics equipment, industrial automation equipment, and more.
The company is known for its expertise in power electronics and energy management, as well as its innovative technologies in the fields of electric vehicles, renewable energy, and smart grid solutions.
Fuji Electric has operations and facilities in various countries across the world and works closely with its customers to provide customized solutions that meet their specific requirements and needs.
In addition to its industrial and commercial products, Fuji Electric also provides a range of products and solutions for consumer and residential applications, such as air-conditioning systems, home appliances, and home security systems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com