Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UES805 Datasheet (PDF) - Microsemi Corporation

UES805 Datasheet PDF - Microsemi Corporation
Part # UES805
Download  UES805 Download
File Size   317.83 Kbytes
Page   3 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description ULTRAFAST RECTIFIERS, High Efficiency, 50A

UES805 Datasheet (PDF)

Go To PDF Page Download Datasheet
UES805 Datasheet PDF - Microsemi Corporation

Part # UES805
Download  UES805 Click to download

File Size   317.83 Kbytes
Page   3 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description ULTRAFAST RECTIFIERS, High Efficiency, 50A

UES805 Datasheet (HTML) - Microsemi Corporation


UES805 Product details

DESCRIPTION
The UES804 series of ultrafast high-efficiency rectifiers is specifically designed for operation in power switching circuits operating at frequencies of 20 kHz or higher. These devices have demonstrated capability in passing power-stress testing to 25 thousand cycles with full-rated forward current turned on and off without a heat sink. This forces case temperature increases of 75 °C at which time the current is removed to simulate worst case applications. The switching times increase relatively little with temperature or at different currents.

FEATURES
• Very Low Forward Voltage
• Very Fast Recovery Times
• High Reliability Screening Options with HR2 Suffix (ie. UES804HR2)
• Low Thermal Resistance
• Mechanically rugged
• Standard Polarity is Cathode to Case. For Reverse Polarity, Add Suffix R (ie. UES804R)

APPLICATIONS / BENEFITS
• Power Switching Circuits 20 kHz and above with minimal parasitic switching losses
• Catch Diodes for Switching Regulators
• Output Rectifiers for High Frequency SquareWave Inverters
• Extremely Robust in Power Cycling
• High Surge Capability
• Hermetically Sealed




Similar Part No. - UES805

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
UES805 MICROSEMI-UES805 Datasheet
129Kb / 3P
RECTIFIERS
logo
New Jersey Semi-Conduct...
UES805 NJSEMI-UES805 Datasheet
101Kb / 2P
RECTIFIERS
UES805 NJSEMI-UES805 Datasheet
157Kb / 2P
High Efficiency, 50A
logo
Microsemi Corporation
UES805HR2 MICROSEMI-UES805HR2 Datasheet
129Kb / 3P
RECTIFIERS
logo
New Jersey Semi-Conduct...
UES805HR2 NJSEMI-UES805HR2 Datasheet
101Kb / 2P
RECTIFIERS
More results


Similar Description - UES805

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STTH3002 STMICROELECTRONICS-STTH3002 Datasheet
101Kb / 7P
HIGH EFFICIENCY ULTRAFAST DIODE
Feb-2004
STTH2L06 STMICROELECTRONICS-STTH2L06 Datasheet
86Kb / 8P
HIGH EFFICIENCY ULTRAFAST DIODE
07-Sep-2004
STTH1302CT STMICROELECTRONICS-STTH1302CT_03 Datasheet
116Kb / 7P
HIGH EFFICIENCY ULTRAFAST DIODE
Oct-2003
BYT01400 STMICROELECTRONICS-BYT01400 Datasheet
51Kb / 5P
HIGH EFFICIENCY ULTRAFAST DIODE
Oct-2001
BYT03-400 STMICROELECTRONICS-BYT03-400 Datasheet
53Kb / 5P
HIGH EFFICIENCY ULTRAFAST DIODE
Oct-2001
logo
Microsemi Corporation
UES705R MICROSEMI-UES705R Datasheet
136Kb / 3P
ULTRAFAST RECTIFIERS, High Efficiency, 20A
UES704R MICROSEMI-UES704R Datasheet
136Kb / 3P
ULTRAFAST RECTIFIERS, High Efficiency, 20A
logo
New Jersey Semi-Conduct...
UES804 NJSEMI-UES804_14 Datasheet
157Kb / 2P
High Efficiency, 50A
UES801 NJSEMI-UES801 Datasheet
93Kb / 1P
High Efficiency, 50A and 70A
logo
Microsemi Corporation
UES701HR2 MICROSEMI-UES701HR2 Datasheet
319Kb / 6P
ULTRAFAST RECTIFIERS, High Efficiency 25A and 30A
Rev. 2
More results




About Microsemi Corporation


Microsemi Corporation was an American company that specialized in the design and manufacture of semiconductor and system solutions.
The company was founded in 1960 and was headquartered in Aliso Viejo, California.
Microsemi provided a wide range of products including analog and mixed-signal integrated circuits, field-programmable gate arrays (FPGAs), power management and control products, and other semiconductor solutions.
The company's products were used in various applications such as defense and security, aerospace and aviation, industrial, and communications.
Microsemi was known for its expertise in semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
In 2018, Microsemi was acquired by Microchip Technology, a leading provider of microcontroller, mixed-signal, analog, and security products.
The Microsemi brand is no longer in use, but its technology and products continue to be a part of Microchip's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com