Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M27C1001-12F6 Datasheet (PDF) - STMicroelectronics

M27C1001-12F6 Datasheet PDF - STMicroelectronics
Part # M27C1001-12F6
Download  M27C1001-12F6 Download
File Size   250.52 Kbytes
Page   24 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 1 Mbit (128 Kbit x 8) UV EPROM and OTP EPROM

M27C1001-12F6 Datasheet (PDF)

Go To PDF Page Download Datasheet
M27C1001-12F6 Datasheet PDF - STMicroelectronics

Part # M27C1001-12F6
Download  M27C1001-12F6 Click to download

File Size   250.52 Kbytes
Page   24 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 1 Mbit (128 Kbit x 8) UV EPROM and OTP EPROM

M27C1001-12F6 Datasheet (HTML) - STMicroelectronics


M27C1001-12F6 Product details

Summary description
The M27C1001 is a 1 Mbit EPROM offered in the two ranges: UV (ultra violet erase) and OTP (one time programmable). It is ideally suited for microprocessor systems requiring large programs and is organized as 131,072 words of 8 bits.
The FDIP32W (window ceramic frit-seal package) has a transparent lid that enables the user to expose the chip to ultraviolet light to erase the bit pattern. A new pattern can then be written to the device by following the programming procedure.

Features
■ 5v ± 10% Supply Voltage in Read Operation
■ Access Time: 35ns
■ Low Power Consumption:
    – Active Current: 30 mA at 5 MHz
    – Standby Current: 100 µA
■ Programming Voltage: 12.75V ± 0.25V
■ Programming Time: 100 µs/word
■ Electronic Signature
    – Manufacturer Code: 20h
    – Device Code: 05h
■ ECOPACK® packages available




Similar Part No. - M27C1001-12F6

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M27C1001-12F6TR STMICROELECTRONICS-M27C1001-12F6TR Datasheet
159Kb / 17P
1 Mbit 128Kb x8 UV EPROM and OTP EPROM
04-Jun-2002
M27C1001-12F6X STMICROELECTRONICS-M27C1001-12F6X Datasheet
159Kb / 17P
1 Mbit 128Kb x8 UV EPROM and OTP EPROM
04-Jun-2002
More results


Similar Description - M27C1001-12F6

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M27C256B STMICROELECTRONICS-M27C256B Datasheet
113Kb / 16P
256 Kbit (32Kb x 8) UV EPROM and OTP EPROM
29-Aug-2002
M27C64A STMICROELECTRONICS-M27C64A Datasheet
105Kb / 12P
64 Kbit (8Kb x 8) UV EPROM and OTP EPROM
Mar-1998
M27C801 STMICROELECTRONICS-M27C801 Datasheet
153Kb / 16P
8 Mbit 1Mb x 8 UV EPROM and OTP EPROM
Sep-2000
M27C2001 STMICROELECTRONICS-M27C2001_06 Datasheet
227Kb / 25P
2 Mbit (256Kb x 8) UV EPROM and OTP EPROM
10-May-2006
M27C1001 STMICROELECTRONICS-M27C1001_06 Datasheet
218Kb / 24P
1 Mbit (128 Kbit x 8) UV EPROM and OTP EPROM
12-Apr-2006
M27C801 STMICROELECTRONICS-M27C801_07 Datasheet
207Kb / 24P
8 Mbit (1Mb x 8) UV EPROM and OTP EPROM
24-Sep-2007
M27C801-100N1 STMICROELECTRONICS-M27C801-100N1 Datasheet
212Kb / 24P
8 Mbit (1Mb x 8) UV EPROM and OTP EPROM
24-Sep-2007
M27C1001-10F1 STMICROELECTRONICS-M27C1001-10F1 Datasheet
250Kb / 24P
1 Mbit (128 Kbit x 8) UV EPROM and OTP EPROM
12-Apr-2006
M27C1001-70F1 STMICROELECTRONICS-M27C1001-70F1 Datasheet
250Kb / 24P
1 Mbit (128 Kbit x 8) UV EPROM and OTP EPROM
12-Apr-2006
M27C2001-12C1 STMICROELECTRONICS-M27C2001-12C1 Datasheet
261Kb / 25P
2 Mbit (256Kb x 8) UV EPROM and OTP EPROM
10-May-2006
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com