Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPA201 Datasheet (PDF) - New Jersey Semi-Conductor Products, Inc.

MPA201 Datasheet PDF - New Jersey Semi-Conductor Products, Inc.
Part # MPA201
Download  MPA201 Download
File Size   127.45 Kbytes
Page   2 Pages
Manufacturer  NJSEMI [New Jersey Semi-Conductor Products, Inc.]
Direct Link  http://www.njsemi.com
Logo NJSEMI - New Jersey Semi-Conductor Products, Inc.
Description 0,5 WATTS -; 12.5 VOLTS 500 Mhz

MPA201 Datasheet (PDF)

Go To PDF Page Download Datasheet
MPA201 Datasheet PDF - New Jersey Semi-Conductor Products, Inc.

Part # MPA201
Download  MPA201 Click to download

File Size   127.45 Kbytes
Page   2 Pages
Manufacturer  NJSEMI [New Jersey Semi-Conductor Products, Inc.]
Direct Link  http://www.njsemi.com
Logo NJSEMI - New Jersey Semi-Conductor Products, Inc.
Description 0,5 WATTS -; 12.5 VOLTS 500 Mhz

MPA201 Datasheet (HTML) - New Jersey Semi-Conductor Products, Inc.


MPA201 Product details

GENERAL DESCRIPTION
The MPA-201 is an amplifier device designed for broadband performance to 500 MHzIna format suitable for stripline assembly and high reliability applications. Its wide dynamic range andflexibility commend it for a broad spectrum of instrumentation, receiver and transmitter applications.

FEATURES
• Useable for broadband or narrowband applications
• Useable DC to 500 MHz
• Uniform gain with frequency
• Internally matched to 50 ohms
• Cascadable
• Gold Metallization




Similar Part No. - MPA201

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MPA201 ETC1-MPA201 Datasheet
23Kb / 1P
0.5 Watts, 12.5 Volts, Class A Linear to 500 MHz 50 ohm Hybrid Amplifier
logo
GHz Technology
MPA201 GHZTECH-MPA201 Datasheet
30Kb / 1P
0.5 Watts, 12.5 Volts, Class A Linear to 500 MHz 50 ohm Hybrid Amplifier
logo
Microsemi Corporation
MPA201 MICROSEMI-MPA201 Datasheet
107Kb / 4P
0.5 Watts, 12.5 Volts, Class A Linear to 500MHz Hybrid Amplifier
logo
List of Unclassifed Man...
MPA2019 ETC2-MPA2019 Datasheet
2Mb / 4P
MAGIGOO® - PA (Polyamide/Nylon), is an all-in-one 3D printing adhesive that offers sure adhesion with easy removal for PA and fibre reinforced PA materials
Ver 1.5 February 2019
More results


Similar Description - MPA201

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
UDR-500 ETC-UDR-500 Datasheet
236Kb / 3P
500 Watts - 40 Volts, Pulsed Radar 400 - 450 MHz
S25-50 ETC-S25-50 Datasheet
150Kb / 3P
25 WATTS - 12.5 VOLTS 1.5-30 MHZ
MPA201 ETC1-MPA201 Datasheet
23Kb / 1P
0.5 Watts, 12.5 Volts, Class A Linear to 500 MHz 50 ohm Hybrid Amplifier
S100-12 ETC1-S100-12 Datasheet
155Kb / 3P
100 WATTS - 12.5 VOLTS 1.5-30 MHz
logo
Advanced Power Technolo...
10502 ADPOW-10502 Datasheet
866Kb / 3P
500 Watts, 50 Volts, Pulsed Avionics 1030 / 1090 MHz
logo
GHz Technology
TPR500A GHZTECH-TPR500A Datasheet
274Kb / 3P
500 Watts, 50 Volts, Pulsed Avionics 1030 - 1090 MHz
MPA201 GHZTECH-MPA201 Datasheet
30Kb / 1P
0.5 Watts, 12.5 Volts, Class A Linear to 500 MHz 50 ohm Hybrid Amplifier
logo
Microsemi Corporation
10502 MICROSEMI-10502 Datasheet
141Kb / 4P
500 Watts, 50 Volts, Pulsed Avionics 1030 / 1090 MHz
10502 MICROSEMI-10502_10 Datasheet
86Kb / 4P
500 Watts, 50 Volts, Pulsed Avionics 1030 / 1090 MHz
MDS500L MICROSEMI-MDS500L_08 Datasheet
194Kb / 4P
500 Watts, 50 Volts, Pulsed Avionics 1030 - 1090 MHz
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com