Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FAR-C4CL-33869-K12-R Datasheet (PDF) - fujitsu semiconductor

FAR-C4CL-33869-K12-R Datasheet PDF - fujitsu semiconductor
Part # FAR-C4CL-33869-K12-R
Download  FAR-C4CL-33869-K12-R Download
File Size   83.03 Kbytes
Page   10 Pages
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor
Description Piezoelectric Resonator (24 to 40 MHz)

FAR-C4CL-33869-K12-R Datasheet (PDF)

Go To PDF Page Download Datasheet
FAR-C4CL-33869-K12-R Datasheet PDF - fujitsu semiconductor

Part # FAR-C4CL-33869-K12-R
Download  FAR-C4CL-33869-K12-R Click to download

File Size   83.03 Kbytes
Page   10 Pages
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor
Description Piezoelectric Resonator (24 to 40 MHz)

FAR-C4CL-33869-K12-R Datasheet (HTML) - fujitsu semiconductor


FAR-C4CL-33869-K12-R Product details

■DESCRIPTION

The C4 series (L Type) resonators apply to the frequency range 24 to 60 MHz.

They are fabricated on a lithium niobate (LiNaO3) substrate, producing resonators with ultra compact and superior stability due to the high electromechanical coupling coefficient of the material.

They use the third overtone resonance, so that they can oscilate at high frequency.

They include two loading capacitors inside and their package are chip type for surface mount. It contributes

saving space and reducing mount cost.



■FEATURES

• High frequency (24 to 60 MHz)

• Surface mount package (SMT)

• Suitable for the source of microcomputer clock

• Emboss-typed pack for automatic mounting

• Superior shock and vibration resistance, preventing damage during automatic mounting




Similar Part No. - FAR-C4CL-33869-K12-R

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
FAR-C4C FUJITSU-FAR-C4C Datasheet
78Kb / 9P
Piezoelectric Resonator (4 to 16 MHz)
FAR-C4CG FUJITSU-FAR-C4CG Datasheet
200Kb / 9P
Piezoelectric Resonator
FAR-C4CG-0800-M FUJITSU-FAR-C4CG-0800-M Datasheet
200Kb / 9P
Piezoelectric Resonator
FAR-C4CG-0800-M02 FUJITSU-FAR-C4CG-0800-M02 Datasheet
200Kb / 9P
Piezoelectric Resonator
FAR-C4CG-0800-M05 FUJITSU-FAR-C4CG-0800-M05 Datasheet
200Kb / 9P
Piezoelectric Resonator
More results


Similar Description - FAR-C4CL-33869-K12-R

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
FAR-C3C FUJITSU-FAR-C3C Datasheet
73Kb / 9P
Piezoelectric Resonator (4 to 20 MHz)
FAR-C4C FUJITSU-FAR-C4C Datasheet
78Kb / 9P
Piezoelectric Resonator (4 to 16 MHz)
FAR-C4CN FUJITSU-FAR-C4CN Datasheet
61Kb / 9P
Piezoelectric Resonator (4 to 23.9 MHz)
FAR-C4SB-14746-L12-T FUJITSU-FAR-C4SB-14746-L12-T Datasheet
305Kb / 11P
Piezoelectric Resonator
FAR-C4CG-08000-M05 FUJITSU-FAR-C4CG-08000-M05 Datasheet
200Kb / 9P
Piezoelectric Resonator
logo
Murata Manufacturing Co...
CSTNE8M00G550000R0 MURATA-CSTNE8M00G550000R0 Datasheet
594Kb / 16P
Specification of Piezoelectric Ceramic Resonator
CSTNE12M0G52A000R0 MURATA-CSTNE12M0G52A000R0 Datasheet
1,001Kb / 19P
Specification of Piezoelectric Ceramic Resonator
CSTNE12M0G55Z000R0 MURATA-CSTNE12M0G55Z000R0 Datasheet
599Kb / 16P
Specification of Piezoelectric Ceramic Resonator
CSTNE12M0GH5L000R0 MURATA-CSTNE12M0GH5L000R0 Datasheet
602Kb / 16P
Specification of Piezoelectric Ceramic Resonator
CSTNE16M0V530000R0 MURATA-CSTNE16M0V530000R0 Datasheet
595Kb / 16P
Specification of Piezoelectric Ceramic Resonator
More results




About fujitsu semiconductor


Fujitsu Components Limited is a subsidiary of Fujitsu Limited, a Japanese multinational information technology company.
Fujitsu Components Limited is focused on the design, development, and manufacture of electronic components and devices.
The company offers a wide range of products including data storage devices, wireless communication modules, and other electronic components.
Fujitsu Components Limited has operations and facilities in various countries across Asia, Europe, and the Americas.
The company is known for its advanced technology, high-quality products, and innovative solutions in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com