Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB1504L Datasheet (PDF) - fujitsu semiconductor

MB1504L Datasheet PDF - fujitsu semiconductor
Part # MB1504L
Download  MB1504L Download
File Size   241.95 Kbytes
Page   19 Pages
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor
Description ASSP SERIAL INPUT PLL FREQUENCY SYNTHESIZER

MB1504L Datasheet (PDF)

Go To PDF Page Download Datasheet
MB1504L Datasheet PDF - fujitsu semiconductor

Part # MB1504L
Download  MB1504L Click to download

File Size   241.95 Kbytes
Page   19 Pages
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor
Description ASSP SERIAL INPUT PLL FREQUENCY SYNTHESIZER

MB1504L Datasheet (HTML) - fujitsu semiconductor


MB1504L Product details

SERIAL INPUT PLL FREQUENCY SYNTHESIZER WITH 520MHz PRESCALER

The Fujitsu MB1504/MB1504H/MB1504L, utilizing BI-CMOS technology, is a single chip serial input PLL frequency synthesizer with pulse-swallow function.
The MB1504 series contains a 520MHz two modulus prescaler that can select either 32/33 or 64/65 divide ratio; control signal generator; 16-bit shift register; 15-bit latch; programmable reference divider (binary 14-bit programmable reference counter); 1-bit switch counter; phase comparator with phase inverse function; charge pump; crystal oscillator; 19-bit shift register; 18-bit latch; and a programmable divider (binary 7-bit swallow counter and binary 11-bit programmable counter).

FEATURES
• High operating frequency: fIN MAX=520MHz (VIN MIN=0.20VP-P)
• On-chip prescaler
• Low power supply voltage: 2.7V to 5.5V (3.0V typ)
• Low power supply consumption: 30mW (3.0V, 520MHz operation)
• Serial input 18-bit programmable divider consisting of:
–Binary 7-bit swallow counter (Divide ratio: 0 to 127)
–Binary 11-bit programmable counter (Divide ratio: 16 to 2047)
• Serial input 15-bit programmable reference divider consisting of:
–Binary 14-bit programmable reference counter (Divide ratio: 8 to 16383)
–1-bit switch counter (SW) Sets divide ratio of prescaler
• 2 types of phase detector output
–On-chip charge pump (Bipolar type)
–Output for external charge pump
• Wide operating temperature: TA=–40℃ to +85℃




Similar Part No. - MB1504L

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
MB1500ERU MPD-MB1500ERU Datasheet
722Kb / 4P
Low Cost, 1 x 2 Inch 15W, 4:1 Input Range DC/DC Converters
MB1500ERW MPD-MB1500ERW Datasheet
589Kb / 4P
MB1500ERW
MB1500MRWRI4 MPD-MB1500MRWRI4 Datasheet
480Kb / 4P
EN 60601 Approved Compact, 2:1 Input, 15W DC/DC Con vert ers
logo
fujitsu semiconductor
MB1501 FUJITSU-MB1501 Datasheet
238Kb / 17P
SERIAL INPUT PLL FREQUENCY SYNTHESIZER
MB1501H FUJITSU-MB1501H Datasheet
238Kb / 17P
SERIAL INPUT PLL FREQUENCY SYNTHESIZER
More results


Similar Description - MB1504L

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM5158A NPC-SM5158A Datasheet
60Kb / 7P
Serial input PLL frequency synthesizer
logo
fujitsu semiconductor
MB1501 FUJITSU-MB1501 Datasheet
238Kb / 17P
SERIAL INPUT PLL FREQUENCY SYNTHESIZER
MB1511 FUJITSU-MB1511 Datasheet
127Kb / 15P
Serial Input PLL Frequency Synthesizer
MB15F73UL FUJITSU-MB15F73UL Datasheet
155Kb / 18P
ASSP Dual Serial Input PLL Frequency Synthesizer
MB15F76UV FUJITSU-MB15F76UV Datasheet
151Kb / 17P
ASSP Dual Serial Input PLL Frequency Synthesizer(Small Package)
MB15A02 FUJITSU-MB15A02 Datasheet
2Mb / 16P
SERIAL INPUT PLL FREQUENCY SYNTHESIZER
MB15F76UL FUJITSU-MB15F76UL Datasheet
117Kb / 17P
ASSP Dual Serial Input PLL Frequency Synthesizer
MB15F74UV FUJITSU-MB15F74UV Datasheet
151Kb / 17P
ASSP Dual Serial Input PLL Frequency Synthesizer(Small Package)
logo
Motorola, Inc
MC12210 MOTOROLA-MC12210 Datasheet
98Kb / 12P
SERIAL INPUT PLL FREQUENCY SYNTHESIZER
logo
fujitsu semiconductor
MB15E05 FUJITSU-MB15E05 Datasheet
158Kb / 20P
ASSP Single Serial Input PLL Frequency Synthesizer On-Chip 2.0GHz Prescaler
More results




About fujitsu semiconductor


Fujitsu Components Limited is a subsidiary of Fujitsu Limited, a Japanese multinational information technology company.
Fujitsu Components Limited is focused on the design, development, and manufacture of electronic components and devices.
The company offers a wide range of products including data storage devices, wireless communication modules, and other electronic components.
Fujitsu Components Limited has operations and facilities in various countries across Asia, Europe, and the Americas.
The company is known for its advanced technology, high-quality products, and innovative solutions in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com