Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BLF2045 Datasheet (PDF) - New Jersey Semi-Conductor Products, Inc.

BLF2045 Datasheet PDF - New Jersey Semi-Conductor Products, Inc.
Part # BLF2045
Download  BLF2045 Download
File Size   130.16 Kbytes
Page   4 Pages
Manufacturer  NJSEMI [New Jersey Semi-Conductor Products, Inc.]
Direct Link  http://www.njsemi.com
Logo NJSEMI - New Jersey Semi-Conductor Products, Inc.
Description UHF power LDMOS transistor

BLF2045 Datasheet (PDF)

Go To PDF Page Download Datasheet
BLF2045 Datasheet PDF - New Jersey Semi-Conductor Products, Inc.

Part # BLF2045
Download  BLF2045 Click to download

File Size   130.16 Kbytes
Page   4 Pages
Manufacturer  NJSEMI [New Jersey Semi-Conductor Products, Inc.]
Direct Link  http://www.njsemi.com
Logo NJSEMI - New Jersey Semi-Conductor Products, Inc.
Description UHF power LDMOS transistor

BLF2045 Datasheet (HTML) - New Jersey Semi-Conductor Products, Inc.


BLF2045 Product details

DESCRIPTION
30 W LDMOS power transistor for base station applications at frequencies from 1800 to 2200 MHz.

FEATURES
• Typical 2-tone performance at a supply voltage of 26V and IDQ of 500 mA
    - Output power =30W (PEP)
    - Gain = 12.5 dB
    - Efficiency = 32%
    - dlm = -26dBc
• Easy power control
• Excellent ruggedness
• High power gain
• Excellent thermal stability
• Designed for broadband operation (1800 to 2200 MHz)
• Internally matched for ease of use.

APPLICATIONS
• RF power amplifiers for GSM, EDGE, CDMAand W-CDMA base stations and multicarrier applications in the 1800 to 2200 MHz frequency range
• Broadcast drivers.




Similar Part No. - BLF2045

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BLF2045 PHILIPS-BLF2045 Datasheet
133Kb / 11P
UHF power LDMOS transistor
1999 Dec 06
More results


Similar Description - BLF2045

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BLF2047 PHILIPS-BLF2047 Datasheet
101Kb / 12P
UHF power LDMOS transistor
1999 Dec 02
BLF2047L PHILIPS-BLF2047L Datasheet
103Kb / 12P
UHF power LDMOS transistor
1999 Dec 06
logo
Analog Devices
BLC6G20-140 AD-BLC6G20-140 Datasheet
51Kb / 9P
UHF power LDMOS transistor
30-Jan-2006
logo
NXP Semiconductors
BLF6G20-45 PHILIPS-BLF6G20-45 Datasheet
46Kb / 8P
UHF power LDMOS transistor
Rev. 01-20 February 2006
BLF6G20-180P PHILIPS-BLF6G20-180P Datasheet
49Kb / 8P
UHF power LDMOS transistor
Rev. 01-19 April 2006
BLF4G10-120 PHILIPS-BLF4G10-120 Datasheet
115Kb / 14P
UHF power LDMOS transistor
Rev. 01-10 January 2006
BLF878 NXP-BLF878 Datasheet
147Kb / 18P
UHF power LDMOS transistor
Rev. 01-15 December 2008
BLF881_1012 PHILIPS-BLF881_1012 Datasheet
202Kb / 18P
UHF power LDMOS transistor
Rev. 3-7 December 2010
logo
New Jersey Semi-Conduct...
BLF861A NJSEMI-BLF861A Datasheet
100Kb / 2P
UHF power LDMOS transistor
logo
Quanzhou Jinmei Electro...
BLF872_2015 JMNIC-BLF872_2015 Datasheet
159Kb / 16P
UHF power LDMOS transistor
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com