Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P0071 Datasheet (PDF) - Altera Corporation

P0071 Datasheet PDF - Altera Corporation
Part # P0071
Download  P0071 Download
File Size   13980.3 Kbytes
Page   43 Pages
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation
Description DE2-115 with LCD Touch Panel and Camera

P0071 Datasheet (PDF)

Go To PDF Page Download Datasheet
P0071 Datasheet PDF - Altera Corporation

Part # P0071
Download  P0071 Click to download

File Size   13980.3 Kbytes
Page   43 Pages
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation
Description DE2-115 with LCD Touch Panel and Camera

P0071 Datasheet (HTML) - Altera Corporation




Similar Part No. - P0071

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
P007-002 TRIPPLITE-P007-002 Datasheet
163Kb / 2P
Desktop Computer Power Cord, 5-15P to C13 - Heavy Duty, 15A, 125V, 14 AWG, 2 ft., Black
P007-003 TRIPPLITE-P007-003 Datasheet
163Kb / 2P
Desktop Computer Power Cord, 5-15P to C13 - Heavy Duty, 15A, 125V, 14 AWG, 3 ft., Black
P007-006 TRIPPLITE-P007-006 Datasheet
483Kb / 2P
Heavy-Duty Computer Power Cord, 14AWG 15A (NEMA 5-15P to IEC-320-C13), 6-ft.
P007-010 TRIPPLITE-P007-010 Datasheet
484Kb / 3P
Heavy-Duty Computer Power Cord, 14AWG 15A (NEMA 5-15P to IEC-320-C13) 10-ft.
P007-012 TRIPPLITE-P007-012 Datasheet
163Kb / 2P
Desktop Computer Power Cord, 5-15P to C13 - Heavy Duty, 15A, 125V, 14 AWG, 12 ft., Black
More results


Similar Description - P0071

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
UBIQ-230 ADVANTECH-UBIQ-230 Datasheet
146Kb / 2P
One-Touch Scenario Control Panel with 3.5" Color LCD
UBIQ-230T ADVANTECH-UBIQ-230T Datasheet
231Kb / 2P
One-Touch Scenario Control Panel with 3.5 Color LCD
logo
ON Semiconductor
CM1630 ONSEMI-CM1630 Datasheet
844Kb / 18P
LCD and Camera EMI Filter Array with ESD Protection
May 2010 ??Rev. 2
logo
Altera Corporation
DE2-115 ALTERA-DE2-115 Datasheet
8Mb / 116P
The DE2-115 package contains all components needed to use the DE2-115 board in conjunction with a computer that runs the Microsoft Windows OS.
logo
List of Unclassifed Man...
EAKIT320-8 ETC2-EAKIT320-8 Datasheet
588Kb / 17P
5,7 LCD CONTROL PANEL WITH TOUCH PANEL
logo
Purdy Electronics Corpo...
AND-TFT-35VX-UHB-TS PURDY-AND-TFT-35VX-UHB-TS Datasheet
2Mb / 6P
TFT LCD Touch Panel
logo
PHOENIX CONTACT
2873235 PHOENIX-2873235 Datasheet
54Kb / 2P
Monitor - LCD TOUCH 5012 A PANEL
11/05/2018
2895239 PHOENIX-2895239 Datasheet
44Kb / 1P
Monitor - LCD TOUCH 5015 D PANEL
11/05/2018
logo
List of Unclassifed Man...
GTWV070C3A00PA ETC-GTWV070C3A00PA Datasheet
1Mb / 23P
TFT LCD Module with Metallized Projective Capacitive Touch Panel (FLETAS touch panel) Hardware Specification
logo
AAEON Technology
OMNI-215D AAEON-OMNI-215D Datasheet
2Mb / 18P
15.6” OMNI Modular Touch/ LCD Panel Kit
More results




About Altera Corporation


Altera Corporation was an American manufacturer of programmable logic devices (PLDs), reconfigurable complex digital circuits. It was acquired by Intel Corporation in 2015 and is now a subsidiary of Intel.

Founded in 1983, Altera was one of the pioneers in the field of programmable logic, offering a range of PLD products including field-programmable gate arrays (FPGAs), complex programmable logic devices (CPLDs), and specialized chips for digital signal processing and memory interface functions. The company's products were used in a variety of applications including communication systems, industrial automation, medical equipment, and military systems.

Altera was known for its innovation in the PLD market, including the development of high-density FPGAs and low-power, high-performance CPLDs. With its acquisition by Intel, Altera continues to provide PLD solutions for its customers, leveraging the resources and technology of one of the world's largest technology companies.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com