Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MRF486 Datasheet (PDF) - New Jersey Semi-Conductor Products, Inc.

MRF486 Datasheet PDF - New Jersey Semi-Conductor Products, Inc.
Part # MRF486
Download  MRF486 Download
File Size   101.88 Kbytes
Page   2 Pages
Manufacturer  NJSEMI [New Jersey Semi-Conductor Products, Inc.]
Direct Link  http://www.njsemi.com
Logo NJSEMI - New Jersey Semi-Conductor Products, Inc.
Description The RF Line

MRF486 Datasheet (PDF)

Go To PDF Page Download Datasheet
MRF486 Datasheet PDF - New Jersey Semi-Conductor Products, Inc.

Part # MRF486
Download  MRF486 Click to download

File Size   101.88 Kbytes
Page   2 Pages
Manufacturer  NJSEMI [New Jersey Semi-Conductor Products, Inc.]
Direct Link  http://www.njsemi.com
Logo NJSEMI - New Jersey Semi-Conductor Products, Inc.
Description The RF Line

MRF486 Datasheet (HTML) - New Jersey Semi-Conductor Products, Inc.


MRF486 Product details

NPN SILICON RF POWER TRANSISTOR

. . designed primarily for application as a high-power linear amplifier from 1.5 to 30 MHz. in single sideband mobile, marine and base station equipment.

• Low-Cost, Common-Emitter TO-220AB Package
• Specified 28 Volt, 30 MHz Performance —
   Output Power = 40 W (PEP)
   Power Gain = 15 dB Mm
   Efficiency = 40% Min
• Intermodulation Distortion (a 40 W (PEP) —
   IMD = -30dB (Max)
• 30:1 VSWR Load Mismatch Capability at Rated Output Power
   and Supply Voltage




Similar Part No. - MRF486

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRF486 MOTOROLA-MRF486 Datasheet
241Kb / 3P
NPN SILICON RF POWER TRANSISTOR
logo
eleflow technologies co...
MRF486 ELEFLOW-MRF486 Datasheet
140Kb / 2P
NPN Silicon RF power transistor
More results


Similar Description - MRF486

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRF331 MOTOROLA-MRF331 Datasheet
149Kb / 4P
The RF Line
MRF450 MOTOROLA-MRF450 Datasheet
269Kb / 2P
THE RF LINE
logo
New Jersey Semi-Conduct...
MRF497 NJSEMI-MRF497 Datasheet
92Kb / 2P
The RF Line
MRF492 NJSEMI-MRF492 Datasheet
91Kb / 2P
The RF Line
MRF455 NJSEMI-MRF455 Datasheet
90Kb / 2P
The RF Line
MRF450 NJSEMI-MRF450 Datasheet
90Kb / 2P
The RF Line
MRF230 NJSEMI-MRF230 Datasheet
86Kb / 2P
The RF Line
MRF207 NJSEMI-MRF207 Datasheet
85Kb / 2P
The RF Line
MRF501 NJSEMI-MRF501 Datasheet
82Kb / 2P
The RF Line
BLY93A NJSEMI-BLY93A Datasheet
74Kb / 2P
The RF Line
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com