Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB3882 Datasheet (PDF) - fujitsu semiconductor

MB3882 Datasheet PDF - fujitsu semiconductor
Part # MB3882
Download  MB3882 Download
File Size   254.48 Kbytes
Page   30 Pages
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor
Description 2-channel DC/DC Converter IC with Synchronous Rectifier

MB3882 Datasheet (PDF)

Go To PDF Page Download Datasheet
MB3882 Datasheet PDF - fujitsu semiconductor

Part # MB3882
Download  MB3882 Click to download

File Size   254.48 Kbytes
Page   30 Pages
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor
Description 2-channel DC/DC Converter IC with Synchronous Rectifier

MB3882 Datasheet (HTML) - fujitsu semiconductor


MB3882 Product details

■ DESCRIPTION
The MB3882 is a 2-channel DC/DC converter IC using pulse width modulation (PWM) and synchronous rectification, designed for down conversion applications.
This device is a power supply with high output drive capacity. Synchronous rectification also provides for high efficiency.
In addition, a 5 V regulator is built in to reduce the number of system components. The result is an ideal built-in power supply for driving products with high speed CPU’s such as home TV game devices and notebook PC’s.

■ FEATURES
• Synchronous rectification for high efficiency
• Supply voltage range : 5.5 V to 18 V
• High-precision reference voltage : 2.5 V ± 1%
• Error Amp. threshold voltage : 1.25 V ± 1% (0 °C to 85 °C)
• Oscillator frequency range : 10 kHz to 500 kHz
• Built-in soft start circuit with error Amp. input control
• Totem pole type output for N-ch MOSFET




Similar Part No. - MB3882

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
MB3881 FUJITSU-MB3881 Datasheet
509Kb / 40P
8-ch DC/DC Converter IC with Synchronous Rectifier for Voltage Step-up and Step-down
MB3881PFF FUJITSU-MB3881PFF Datasheet
509Kb / 40P
8-ch DC/DC Converter IC with Synchronous Rectifier for Voltage Step-up and Step-down
MB3883 FUJITSU-MB3883 Datasheet
473Kb / 39P
6-ch DC/DC Converter IC With Synchronous Rectification for voltage step-up and step-down
MB3883 FUJITSU-MB3883 Datasheet
452Kb / 40P
6-ch DC/DC Converter IC with Synchronous Rectifier for Voltage Step-up and Step-down
MB3883PFV FUJITSU-MB3883PFV Datasheet
473Kb / 39P
6-ch DC/DC Converter IC With Synchronous Rectification for voltage step-up and step-down
More results


Similar Description - MB3882

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
MB3821 FUJITSU-MB3821 Datasheet
273Kb / 24P
2-ch DC/DC Converter IC With Synchronous Rectifier
MB3825A FUJITSU-MB3825A Datasheet
465Kb / 39P
6-ch DC/DC Converter IC With Synchronous Rectifier
MB3885 FUJITSU-MB3885 Datasheet
239Kb / 29P
1-channel DC/DC Converter IC with Synchronous Rectifier
MB39A108 FUJITSU-MB39A108 Datasheet
364Kb / 4P
5-Channel DC/DC Converter IC with Synchronous Rectification
logo
Rohm
BD9109FVM ROHM-BD9109FVM Datasheet
329Kb / 6P
1ch DC/DC Converter Controller IC with Built-in Synchronous Rectifier
BD9120HFN ROHM-BD9120HFN Datasheet
353Kb / 6P
1ch DC/DC Converter Controller IC with Built-in Synchronous rectifier
BD9122GUL ROHM-BD9122GUL Datasheet
337Kb / 6P
1ch DC/DC Converter Controller IC with Built-in Synchronous rectifier
BD9140MUV ROHM-BD9140MUV Datasheet
340Kb / 6P
1ch DC/DC Converter IC built in synchronous rectifier
logo
Cypress Semiconductor
MB39C011APFT-G-BND-ERE1 CYPRESS-MB39C011APFT-G-BND-ERE1 Datasheet
1Mb / 53P
2 ch DC/DC Converter IC with Synchronous Rectification
MB39C007 CYPRESS-MB39C007 Datasheet
2Mb / 41P
2 ch DC/DC Converter IC with PFM/PWM Synchronous Rectification
More results




About fujitsu semiconductor


Fujitsu Components Limited is a subsidiary of Fujitsu Limited, a Japanese multinational information technology company.
Fujitsu Components Limited is focused on the design, development, and manufacture of electronic components and devices.
The company offers a wide range of products including data storage devices, wireless communication modules, and other electronic components.
Fujitsu Components Limited has operations and facilities in various countries across Asia, Europe, and the Americas.
The company is known for its advanced technology, high-quality products, and innovative solutions in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com