Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB3892PFF Datasheet (PDF) - fujitsu semiconductor

MB3892PFF Datasheet PDF - fujitsu semiconductor
Part # MB3892PFF
Download  MB3892PFF Download
File Size   503.56 Kbytes
Page   40 Pages
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor
Description Power Management IC for Mobile Phone

MB3892PFF Datasheet (PDF)

Go To PDF Page Download Datasheet
MB3892PFF Datasheet PDF - fujitsu semiconductor

Part # MB3892PFF
Download  MB3892PFF Click to download

File Size   503.56 Kbytes
Page   40 Pages
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor
Description Power Management IC for Mobile Phone

MB3892PFF Datasheet (HTML) - fujitsu semiconductor


MB3892PFF Product details

■ DESCRIPTION
MB3892 is a low-saturation voltage type series regulator contains 3 channels for the baseband regulator, 1 channel for the backup regulator, 6 channels for the RF regulator, and 1 channel for the variable regulator. MB3892 is built in reset circuit, serial control circuit, operation Amp. for charge control of Lithium ion battery, LED drive circuit, receiver Amp., loudspeaker drive Amp., sounder circuit, vibrator drive circuit, and 4-ch D/A converter and the devices is miniaturized by systematization of built-in power supply for mobile phone.

■ FEATURES
• Power supply voltage range : VB = 2.85 V to 5.5 V
                                                : EXTVCC = 3.0 V to 6.5 V
• Low power consumption current during standby : 100 µA (Max.)
• Built-in low-saturation voltage type series regulator
• Built-in power-on reset function
• Built-in serial control function
• Built-in operation Amp. for charge control of Lithium ion battery
• Special power off function
    (To prevent battery discharge, this function controls the power consumption current of main IC under 11 µA (typ.) on the shipment.)




Similar Part No. - MB3892PFF

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
MB3891 FUJITSU-MB3891 Datasheet
446Kb / 29P
Power Management IC for GSM Mobile Phone
MB3891PFV FUJITSU-MB3891PFV Datasheet
446Kb / 29P
Power Management IC for GSM Mobile Phone
MB3893A FUJITSU-MB3893A Datasheet
496Kb / 44P
Power Management IC for Mobile Phone
MB3893APFT FUJITSU-MB3893APFT Datasheet
496Kb / 44P
Power Management IC for Mobile Phone
MB3893APFV FUJITSU-MB3893APFV Datasheet
496Kb / 44P
Power Management IC for Mobile Phone
More results


Similar Description - MB3892PFF

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
MB3891 FUJITSU-MB3891 Datasheet
446Kb / 29P
Power Management IC for GSM Mobile Phone
MB3893A FUJITSU-MB3893A Datasheet
496Kb / 44P
Power Management IC for Mobile Phone
logo
Global Mixed-mode Techn...
G5800 GMT-G5800 Datasheet
791Kb / 1P
Mobile Phone Power Management System
logo
Rohm
BH6053GU ROHM-BH6053GU Datasheet
356Kb / 6P
Power management IC for cellular phone
BH6054GU ROHM-BH6054GU Datasheet
394Kb / 6P
Power management LSI for mobile phone
BH6951GU ROHM-BH6951GU Datasheet
326Kb / 6P
Power management IC for cellular phone
BH6955GU ROHM-BH6955GU Datasheet
385Kb / 6P
Power management LSI for mobile phone
BH6056GU ROHM-BH6056GU Datasheet
354Kb / 6P
Power management LSI for mobile phone
BD71801GWL ROHM-BD71801GWL Datasheet
2Mb / 79P
Power Management LSI for Mobile Phone
logo
SHENZHEN FUMAN ELECTRON...
FM5324D FUMAN-FM5324D Datasheet
739Kb / 11P
Mobile Power Management IC
More results




About fujitsu semiconductor


Fujitsu Components Limited is a subsidiary of Fujitsu Limited, a Japanese multinational information technology company.
Fujitsu Components Limited is focused on the design, development, and manufacture of electronic components and devices.
The company offers a wide range of products including data storage devices, wireless communication modules, and other electronic components.
Fujitsu Components Limited has operations and facilities in various countries across Asia, Europe, and the Americas.
The company is known for its advanced technology, high-quality products, and innovative solutions in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com