Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB40950 Datasheet (PDF) - fujitsu semiconductor

MB40950 Datasheet PDF - fujitsu semiconductor
Part # MB40950
Download  MB40950 Download
File Size   215.21 Kbytes
Page   11 Pages
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor
Description 3-Channel 10-Bit D/A Converter

MB40950 Datasheet (PDF)

Go To PDF Page Download Datasheet
MB40950 Datasheet PDF - fujitsu semiconductor

Part # MB40950
Download  MB40950 Click to download

File Size   215.21 Kbytes
Page   11 Pages
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor
Description 3-Channel 10-Bit D/A Converter

MB40950 Datasheet (HTML) - fujitsu semiconductor


MB40950 Product details

■ DESCRIPTION
The MB40950 is a 10-bit resolution high-speed digital-to-analog converter, designed for video processing applications such as TVsets and VCRS.
The MB40950 has 10-bit resolution 3 channels D/A converters. Digital data are input to the 10-bit digital input ports, and the input digital data are converted into the analog data in minimum 60 Mega sample per seconds (MSPS). The analog output voltage is provided in a range of DC +3V to +5V (2Vp-p level) .
The MB40950 is fabricated by the Fujitsu’s advanced bipolar process and housed in a 48-pin plastic QFP.
The MB40950 is designed for video signal processing, and it is suitable for TVS and VCRS applications.

■ FEATURES
• 10-bit x 3 channels D/A converters
• Max. 60 MHz input clock frequency providing 60 MSPS data conversion rate
• Linearity error : Max. +/-0.07%
• Analog output voltage range : 3V to 5V (2Vp-p level)
• Digital input voltage level : TTL level
• On-chip reference voltage generator
• Low power consumption :
    – Typical 460mW at 2Vp-p analog output voltage
    – Typical 350mW at 1Vp-p analog output voltage
• Single +5V power supply
• Operating temperature range : -20°C to +70°C
• Fujitsu’s advanced bipolar process
• Package : 48-pin plastic QFP (Suffix : -PF)




Similar Part No. - MB40950

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
MB40958 FUJITSU-MB40958 Datasheet
148Kb / 11P
3-Channel 8-Bit D/A Converter
More results


Similar Description - MB40950

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN8146FBQ PANASONIC-AN8146FBQ Datasheet
36Kb / 4P
10-Bit 3-channel D/A Converter IC
logo
Rohm
BU3616K ROHM-BU3616K Datasheet
56Kb / 5P
3-channel, 8-bit D / A converter
logo
Sony Corporation
CXD2307R SONY-CXD2307R Datasheet
250Kb / 14P
10-bit 50MSPS RGB 3-channel D/A Converter
CXD2308Q SONY-CXD2308Q Datasheet
225Kb / 14P
10-bit 50MSPS RGB 3-channel D/A Converter
CXD2309Q SONY-CXD2309Q Datasheet
243Kb / 16P
10-bit 50MSPS RGB 3-channel D/A Converter
logo
fujitsu semiconductor
MB40730 FUJITSU-MB40730 Datasheet
406Kb / 16P
1 CHANNEL 10-BIT D/A CONVERTER
MB40988 FUJITSU-MB40988 Datasheet
363Kb / 11P
3-Channel 8-Bit D/A Converter
logo
Intersil Corporation
HI2309 INTERSIL-HI2309 Datasheet
652Kb / 9P
Triple 10-Bit, 50 MSPS,3-Channel D/A Converter
January 1998
logo
Sony Corporation
CXD2309AQ SONY-CXD2309AQ Datasheet
166Kb / 15P
10-bit 85MSPS 3-Channel D/A Converter
logo
Murata Power Solutions ...
DAC-349 MURATA-PS-DAC-349 Datasheet
1,002Kb / 4P
10-Bit/3 Channel, 50 MHz RGB D/A Converter
More results




About fujitsu semiconductor


Fujitsu Components Limited is a subsidiary of Fujitsu Limited, a Japanese multinational information technology company.
Fujitsu Components Limited is focused on the design, development, and manufacture of electronic components and devices.
The company offers a wide range of products including data storage devices, wireless communication modules, and other electronic components.
Fujitsu Components Limited has operations and facilities in various countries across Asia, Europe, and the Americas.
The company is known for its advanced technology, high-quality products, and innovative solutions in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com