Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRF141 Datasheet (PDF) - New Jersey Semi-Conductor Products, Inc.

IRF141 Datasheet PDF - New Jersey Semi-Conductor Products, Inc.
Part # IRF141
Download  IRF141 Download
File Size   103.6 Kbytes
Page   3 Pages
Manufacturer  NJSEMI [New Jersey Semi-Conductor Products, Inc.]
Direct Link  http://www.njsemi.com
Logo NJSEMI - New Jersey Semi-Conductor Products, Inc.
Description N-Channel Power MOSFETs, 27 A, 60-100 V

IRF141 Datasheet (PDF)

Go To PDF Page Download Datasheet
IRF141 Datasheet PDF - New Jersey Semi-Conductor Products, Inc.

Part # IRF141
Download  IRF141 Click to download

File Size   103.6 Kbytes
Page   3 Pages
Manufacturer  NJSEMI [New Jersey Semi-Conductor Products, Inc.]
Direct Link  http://www.njsemi.com
Logo NJSEMI - New Jersey Semi-Conductor Products, Inc.
Description N-Channel Power MOSFETs, 27 A, 60-100 V

IRF141 Datasheet (HTML) - New Jersey Semi-Conductor Products, Inc.


IRF141 Product details

Description
These devices are n-channel, enhancement mode, power MOSFETs designed especially for high power, high speed applications, such as switching power supplies, UPS, AC and DC motor controls, relay and solenoid drivers and high energy pulse circuits.

● Low RDS(on)
● VGS Rated at ±20 V
● Silicon Gate for Fast Switching Speeds
● IDSS. VDS(on), Specified at Elevated Temperature
● Rugged
● Low Drive Requirements
● Ease of Paralleling




Similar Part No. - IRF141

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
IRF141 SAMSUNG-IRF141 Datasheet
211Kb / 5P
N-CHANNEL POWER MOSFETS
logo
Inchange Semiconductor ...
IRF141 ISC-IRF141 Datasheet
48Kb / 2P
High Power,High Speed Applications
More results


Similar Description - IRF141

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
2N6755 FAIRCHILD-2N6755 Datasheet
136Kb / 5P
N-Channel Power MOSFETs, 14 A, 60 A/100 V
IRF120-123 FAIRCHILD-IRF120-123 Datasheet
166Kb / 5P
N-Channel Power MOSFETs, 11 A, 60-100 V
IRF130-133 FAIRCHILD-IRF130-133 Datasheet
180Kb / 6P
N-Channel Power MOSFETs, 20 A, 60-100 V
IRF140-143 FAIRCHILD-IRF140-143 Datasheet
146Kb / 5P
N-Channel Power MOSFETs, 27 A, 60-100V
IRF150-153 FAIRCHILD-IRF150-153 Datasheet
125Kb / 4P
N-Channel Power MOSFETs, 40 A, 60 V/100 V
logo
Texas Instruments
CSD18533Q5A TI-CSD18533Q5A Datasheet
1Mb / 11P
60-V N-Channel NexFET Power MOSFETs
logo
New Jersey Semi-Conduct...
IRF520 NJSEMI-IRF520 Datasheet
798Kb / 3P
N-Channel Power MOSFETs, 11 A, 60-100 V
IRF120 NJSEMI-IRF120 Datasheet
798Kb / 3P
N-Channel Power MOSFETs, 11 A, 60-100 V
logo
Texas Instruments
CSD18537NQ5A TI1-CSD18537NQ5A_14 Datasheet
1Mb / 15P
60 V N-Channel NexFET??Power MOSFETs
logo
ON Semiconductor
NVMJD027N06CL ONSEMI-NVMJD027N06CL_V01 Datasheet
253Kb / 6P
MOSFET - Power, Dual N-Channel 60 V, 27 m, 21 A
September, 2022 - Rev. 1
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com